Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 33Page - Cirrus Logic CS7808 Datasheet HTML 34Page - Cirrus Logic CS7808 Datasheet HTML 35Page - Cirrus Logic CS7808 Datasheet HTML 36Page - Cirrus Logic CS7808 Datasheet HTML 37Page - Cirrus Logic CS7808 Datasheet HTML 38Page - Cirrus Logic CS7808 Datasheet HTML 39Page - Cirrus Logic CS7808 Datasheet HTML 40Page - Cirrus Logic CS7808 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
37
CS7808
114
H_D_11
B4
Host Data[11]
B
I
2
115
H_CS_2
B4
Host Chip Select[2]
O
GenioHst[17]
B
116
H_D_10
B4
Host Data[10]
B
O
2
117
H_D_9
B4
Host Data[9]
B
I
2
118
H_D_8
B4
Host Data[8]
B
O
2
119
VSS_IO
Gnd
I/O Ground
I
120
H_CKO
B4
Host Clock
O
GenioHst[19]
B
121
H_D_7
B4
Host Data[7]
B
I
122
H_D_6
B4
Host Data[6]
B
I
123
H_D_5
B4
Host Data[5]
B
I
124
AUD_BCK
B4
Audio Out Bit Clock
O
GenioMis[3]
B
3
125
H_D_4
B4
Host Data[4]
B
I
126
VSS_CORE
Gnd
Core Ground
I
127
H_D_3
B4
Host Data[3]
B
I
128
AUD_LRCK
O4
Audio Out LR Clock
O
129
VDD_CORE
Pwr
Core Power 2.5V
I
130
H_D_2
B4
Host Data[2]
B
I
131
VDD_IO
Pwr
I/O Power 3.3V
I
132
H_D_1
B4
Host Data[1]
B
I
133
AUD_DO_2
B4
Audio Out Data[2]
O
GenioMis[2]
B
3
134
H_D_0
B4
Host Data[0]
B
I
135
AUD_DO_0
O4
Audio Out Data[0]
O
136
AUD_DO_1
B4
Audio Out Data[1]
O
GenioMis[1]
B
3
137
AIN_BCK
IU
Audio In Bit Clock
I
138
VSS_CORE
Gnd
Core Ground
I
139
AIN_LRCK
IU
Audio In LR Clock
I
140
AIN_DATA
B4U
Audio In Data
I
GenioMis[0]
B
3
141
VDD_CORE
Pwr
Core Power 2.5V
I
142
CDC_DI
IU
Serial CODEC Data In
I
143
VSS_IO
Gnd
I/O Ground
I
144
CDC_DO
T4
Serial CODEC Data Out
O
145
VIN_CLK
IU
Video Input Clock
I
146
CDC_RST
T4
Serial CODEC Reset
O
147
CDC_CK
IU
Serial CODEC Bit Clock
I
148
CDC_SY
B4U
Serial CODEC Sync
B
149
GPIO_V10
B4U
GenioMis[26]
B
150
GPIO_D15
B4U
GenIOD[15]
B
151
GPIO_D14
B4U
GenIOD[14]
B
152
GPIO_D13
B4SU
GenIOD[13]
B
153
VIN_VSNC
B4U
Video Input Vsync
I
GenioMis[25]
B
Pin
Name
Type
Primary Function
Dir
Secondary Function
Dir
Note
Table 16. 208-Pin Package Assignments (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com