Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 19Page - Cirrus Logic CS7808 Datasheet HTML 20Page - Cirrus Logic CS7808 Datasheet HTML 21Page - Cirrus Logic CS7808 Datasheet HTML 22Page - Cirrus Logic CS7808 Datasheet HTML 23Page - Cirrus Logic CS7808 Datasheet HTML 24Page - Cirrus Logic CS7808 Datasheet HTML 25Page - Cirrus Logic CS7808 Datasheet HTML 26Page - Cirrus Logic CS7808 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
23
CS7808
4. MEMORY MAP
4.1
Processor Memory Map
The CS7808 externally supports up to 32 Mbytes
DRAM and 16 Mbytes ROM/NVRAM. Table 10,
Table 11 and Table 12 on the next page list the
memory map as viewed by the RISC processors,
and identifies whether each segment is mapped or
cacheable.
For detailed information on programming CS7808
memory, see CS7808 Memory Interface User’s
Manual (DS525UMD1).
4.2
Host Port Memory Map
Table 11onpage 23 lists the memory map as
viewed by host slave port.
4.3
Internal I/O Space Map
Table 10, Table 11, and Table 12 show how the In-
ternal I/O space is mapped between general regis-
ters,
internal
SRAM
ports,
and
the
RISC
processors’ debug port.
Processor Byte Address
Description
Cacheable
0000_0000 – 07FF_FFFF
DRAM (mapped)
Y
8000_0000 - 81FF_FFFF
DRAM (32 Mbytes)
Y
9400_0000 – 9CFF_FFFF
16-bit NVRAM write (16 Mbytes)
N
9C00_0000 – 9CFF_FFFF
16-bit NVRAM/ROM (16 Mbytes)
Y
9D00_0000 – 9DFF_FFFF
8-bit NVRAM/ROM (16 Mbytes)
Y
A000_0000 – A1FF_FFFF
DRAM (32 Mbytes)
N
B000_0000 – B003_FFFF
Internal I/O (256 Kbytes)
N
B400_0000 – BCFF_FFFF
16-bit NVRAM write (16 Mbytes)
N
BC00_0000 – BCFF_FFFF
16-bit NVRAM/ROM (16 Mbytes)
N
BD00_0000 – BDFF_FFFF
8-bit NVRAM/ROM (16 Mbytes)
N
C000_0000 – FFFF_FFFF
DRAM (mapped)
Y
Table 10. Memory Map-RISC0 Processor
Host Byte Address
Description
0000 0000 – 003F FFFF
Internal I/O Space
1000 0000 – 13FF FFFF
DRAM space (16 Mbytes)
1400 0000 – 17FF FFFF
NVRAM space (16 Mbytes)
Table 11. Host Port Memory Map
Byte Address Offset
Description
0_0000 – 0_2FFF
General registers
0_3000 – 1_FFFF
General Internal SRAM
2_0000 – 2_FFFF
RISC_0 Internal SRAM/Registers
3_0000 – 3_FFFF
RISC_1 Internal SRAM/Registers
Table 12. Internal I/O Space Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com