Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 1 Page - Cirrus Logic

  CS7808 Datasheet HTML 1Page - Cirrus Logic CS7808 Datasheet HTML 2Page - Cirrus Logic CS7808 Datasheet HTML 3Page - Cirrus Logic CS7808 Datasheet HTML 4Page - Cirrus Logic CS7808 Datasheet HTML 5Page - Cirrus Logic CS7808 Datasheet HTML 6Page - Cirrus Logic CS7808 Datasheet HTML 7Page - Cirrus Logic CS7808 Datasheet HTML 8Page - Cirrus Logic CS7808 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
 Cirrus Logic, Inc. 2002
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS7808
Multi-Purpose Audio/Video Embedded Processor
Features
! Dual 32-bit RISC processors (81 MIPS each)
! 32-bit DSP (81 MIPS)
! Digital video input for Picture-in-Picture (PIP)
! On-screen display generator
! 8-bit graphic engine with advanced vertical flicker filter
! Programmable audio decoder
! MPEG1 & MPEG2 video decoder
! System interface supports ATAPI CD loaders and
hard disk drives
! Host interface supports peripherals such as 10/100
Ethernet controllers, DSPs, etc.
! V.90 soft-modem support
! AC'97 link support
! 2 channels of audio input
! 8 channels of audio output
! 2 channel IEC60958 transmitter
! Remote control input support
! Large number of GPIO increases design flexibility
! On-chip PLLs generate system clocks from 27 MHz
! SDRAM, SGRAM, and Flash memory support
! Available in a 208 pin MQFP
Description
The CS7808 processor is a single chip solution that pro-
vides all of the processing functions you need for a broad
range of audio and video applications including thin me-
dia clients, CD recorders, advanced set-top boxes,
interactive TV and much more. It supports all CD for-
mats, disk control, video decoding and up to eight
channels of output. Achieve new levels of performance
with 240 highly configurable MIPS of processing power.
Its flexible set of design features maximizes perfor-
mance, reduces system complexity, and minimizes
system cost. CS7808 is the perfect choice.
Working on your next consumer entertainment product
design? Combine CS7808 with other Cirrus mixed-sig-
nal converters, DSP chips, and factory firmware for a
highly integrated platform crucial for Video-on-demand,
set-top boxes, and other similar platforms. CS7808 is a
Total-E™ (Total Entertainment) IC solution specifically
designed for consumer entertainment electronics.
ORDERING INFORMATION
CS7808-CM
0° to 70° C
208-pin MQFP
RISC-1
RISC-2
Mem ory Controller
32-Bit DSP
Video Input
Clock Manager
Subpicture Decode
Audio/IO
Host
Interface
SDRAM
System Controls
External I/Os
Dataflow Engine
Video Processor
MPEG Decoder
I-Cache
D-Cache
MM U
MAC
Filter
Scaler
SDRAM Control
RAM
MoCo
IDCT
On-Screen Display
Picture-in-Picture
Video/Graphics Display
I-Cache
D-Cache
MM U
M AC
Flash Control
VLC Parser
DM A / BitBlit
SRAM Buffer
Rem ote Input
GPIOs
Scaler
STC
Interupts
Registers
I-Cache
X,Y Data
Memory
CPU / MAC
PCM O ut
PCM In
XMT958
MAR ‘02
DS554PP1


Similar Part No. - CS7808

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
CS7-10 SUPERWORLD-CS7-10 Datasheet
108Kb / 1P
POWER TRANSFORMER
CS7-12 SUPERWORLD-CS7-12 Datasheet
108Kb / 1P
POWER TRANSFORMER
CS7-120 SUPERWORLD-CS7-120 Datasheet
108Kb / 1P
POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
POWER TRANSFORMER
CS7-20 SUPERWORLD-CS7-20 Datasheet
108Kb / 1P
POWER TRANSFORMER
More results

Similar Description - CS7808

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF561 AD-ADSP-BF561 Datasheet
508Kb / 52P
Blackfin Embedded Symmetric Multi-Processor
12/07-Changes from Rev. B to Rev. C
logo
NXP Semiconductors
PNX2000 PHILIPS-PNX2000 Datasheet
244Kb / 31P
Audio video input processor
Rev. 03-23 August 2004
logo
Analog Devices
ADAV400 AD-ADAV400 Datasheet
696Kb / 36P
Audio Codec with Embedded SigmaDSP Processor
1/06-Revision 0
logo
List of Unclassifed Man...
CL8830 ETC1-CL8830 Datasheet
591Kb / 4P
MPEG-2 AUDIO/VIDEO PROCESSOR WITH REALSONIC AUDIO
logo
Protech Systems Co., Lt...
EPC-8612F PROTECHSYSTEMS-EPC-8612F Datasheet
257Kb / 2P
Multi Video Capture Ports Embedded PC
logo
Analog Devices
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
Audio Codec with Embedded SigmaDSP Processor
REV. A
logo
List of Unclassifed Man...
SAM5504B ETC1-SAM5504B Datasheet
947Kb / 51P
AUDIO & MUSIC MULTI-DSP PROCESSOR
SAM5708B ETC1-SAM5708B Datasheet
1Mb / 89P
AUDIO & MUSIC MULTI-DSP PROCESSOR
SAM5716B ETC1-SAM5716B Datasheet
1Mb / 89P
AUDIO & MUSIC MULTI-DSP PROCESSOR
VSX-91TXH ETC1-VSX-91TXH Datasheet
3Mb / 88P
AUDIO/VIDEO MULTI-CHANNEL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com