Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 43Page - Cirrus Logic CS7808 Datasheet HTML 44Page - Cirrus Logic CS7808 Datasheet HTML 45Page - Cirrus Logic CS7808 Datasheet HTML 46Page - Cirrus Logic CS7808 Datasheet HTML 47Page - Cirrus Logic CS7808 Datasheet HTML 48Page - Cirrus Logic CS7808 Datasheet HTML 49Page - Cirrus Logic CS7808 Datasheet HTML 50Page - Cirrus Logic CS7808 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
47
CS7808
6.9
Host Master/ATAPI Interface
This 16-bit parallel host interface allows the CS7808 to be a host master, controlling other devices that
would be used on the same system. See Table 24. The interface supports programmable protocols and
speeds, including multiplexed and non-multiplexed addressing. Slaves with different protocols can be con-
nected at the same time, controlled by different chip selects.
Pin
Signal Name
Type
Description
111, 115, 101,
106
H_CS[3..0]
O
Host Chip Select[3..0]. The host master can be pro-
grammed to use a different protocol for each of the 4 chip
selects
85
H_ALE
O
Host address latch enable. Used for modes which multiplex
upper address information onto the data lines
92
H_RD
O
Host Read Request.
93
H_WR
O
Host Write Request.
95
H_RDY
I
Host Ready. Connect to pull-up or pull-down if host is not
used.
120
H_CKO
O
Host clock out, required for some synchronous slaves
102, 107, 97, 99,
100
H_A[4..0]
O
Host Address[4..0].
109, 110, 112,
113, 114, 116,
117, 118, 121,
122, 123, 125,
127, 130, 132,
134
H_D[15..0]
B
Host Data Bus[15..0]. These pins can also output Host
Address during the address phase for multiplexed
address/data mode. Tie together to pull-up or pull-down if
host is not used.
Table 24. Host Master/ATAPI Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com