Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 16Page - Cirrus Logic CS7808 Datasheet HTML 17Page - Cirrus Logic CS7808 Datasheet HTML 18Page - Cirrus Logic CS7808 Datasheet HTML 19Page - Cirrus Logic CS7808 Datasheet HTML 20Page - Cirrus Logic CS7808 Datasheet HTML 21Page - Cirrus Logic CS7808 Datasheet HTML 22Page - Cirrus Logic CS7808 Datasheet HTML 23Page - Cirrus Logic CS7808 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
CS7808
20
3.2.11
System Functions
•
208-pin PQFP packages
•
All I/O pins are 3 V with 5 V tolerance
•
Advanced 0.25 micron CMOS technology
•
Internal processors run at 81 MHz
•
Supports Low Power modes and clock shutoff
3.3
RISC Processor
The CS7808 includes two powerful, proprietary
32-bit RISC processors, RISC0 and RISC1, with
optimizing C compiler support and source level de-
bugger. The RISC processors fully support many
Real Time Operation Systems (RTOS).
In addition to being compatible with the standard
MIPS® R3000® instruction set, the RISC proces-
sors also have a MAC engine, which performs mul-
tiply/accumulate in 2 cycles in a pipelined fashion
with C support, effectively achieving single cycle
throughout.
3.4
DSP Processor
The CS7808 contains a proprietary digital signal
processor (DSP), which is optimized for audio ap-
plications. The DSP performs 32-bit simple integer
operations, and has a 24-bit fixed point logic unit,
with a 54-bit accumulator. There are 32 general-
purpose registers, and eight independent address
generation registers, featuring: linear and circular
buffer operations, and dual operand read from
memory. The multiply-accumulator has single-cy-
cle throughput, with two cycle latency. The DSP is
optimized for bit packing and unpacking opera-
tions. The interface to main memory is designed for
handling flexible block sizes and skip counts.
3.5
Memory Control
The DRAM Interface performs the SDRAM con-
trol and arbitration functions for all the other mod-
ules in the CS7808. The DRAM interface services
and arbitrates a number of clients and stores their
code and/or data within the local memory. This ar-
bitration and scheduling guarantees the allocation
of sufficient bandwidth to the various clients. The
DRAM Interface supports up to 32 Mbytes. For a
typical application, the CS7808 requires 8 Mbytes
memory space.
Sharing the same interface, CS7808 also supports
FLASH ROM,OTP, or maskROM interface. Code
is stored in ROM. After the system is booted, the
code is shadowed inside SDRAM for execution.
The FLASH ROM interface is provided so that the
code can be upgraded in the field once the commu-
nications channel is established (via modem port,
CD-R, or serial port). Utility software will be pro-
vided to debug and upgrade code for the system
manufacturer.
3.6
Dataflow Control (DMA)
The DMA controller moves data between the exter-
nal memory and internal memory. The external
memory address can be specified using a register,
or in FIFO mode, using start and end address regis-
ters. Separate start/end address registers are used
for DMA read and write operations. The DMA in-
terface also has a block transfer function, which al-
lows for the transfer of one block of data from one
external memory location to another external mem-
ory location. In effect, this feature combines a
DMA read and write into one operation. In addi-
tion, the DMA write operation allows for byte,
short, word, and other types of masking.
3.7
System Control Functions
The system control functions are used to coordinate
the activities of the multiple processors, and to pro-
vide the supporting system operations. Four 32-bit
communication registers are available for inter-
processor communication, and eight semaphore
registers are used for resource locking. Timers are
available for general-purpose functions, as well as
more specialized functions such as watchdog tim-
ers and performance monitoring.
The large number of general purpose I/Os offers
flexibility in system configurations. An I2Cmaster
allows for control of other I2C devices,suchasa
video encoder. An I2C slave port shares the same
pins, and can be used for debug functions. Inter-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com