Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 37Page - Cirrus Logic CS7808 Datasheet HTML 38Page - Cirrus Logic CS7808 Datasheet HTML 39Page - Cirrus Logic CS7808 Datasheet HTML 40Page - Cirrus Logic CS7808 Datasheet HTML 41Page - Cirrus Logic CS7808 Datasheet HTML 42Page - Cirrus Logic CS7808 Datasheet HTML 43Page - Cirrus Logic CS7808 Datasheet HTML 44Page - Cirrus Logic CS7808 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
41
CS7808
6.3
SDRAM Interface
These pins are used to interface the CS7808 with some external SDRAM. The CS7808 can interface with
SDRAM of various sizes. Both 16 and 32-bit data width is supported, but best performance is achieved
with 32 bits. Follow the instructions in Table 18 on how to interface with any particular configuration of
SDRAM.
Pin
Signal Name
Type
Description
87, 83, 79, 76,
74, 71, 68, 64,
67, 70, 72, 75,
78, 80, 86, 88,
60, 56, 54, 49,
46, 44, 40, 33,
37, 42, 45, 48,
51, 55, 59. 62
M_D[31..0]
B
Memory Data Bus. CS7808 can use all 32 bits or can use only
M_D[15..0], in which case M_D[31..16] can be left un-con-
nected.
2, 3, 5, 6, 7, 9,
10, 11, 13, 14,
15, 16
M_A[11..0]
O
Memory Address Bus. Connect in order starting with M_A[0] to
all RAM address pins not already connected to M_BS_L or
M_AP. Unused upper M_A pins unconnected.
19
M_CKO
O
Memory Clock
22
M_CKE
O
Memory Clock Enable
21
M_BS_N
O
Bank Selection. Always connect to RAM BS or BS0 pin.
23
M_AP
O
Memory Auto Pre-charge. Always connect to RAM AP pin.
24
M_RAS_N
O
Memory Row Address Strobe
25
M_CAS_N
O
Memory Column Address Strobe
27
M_WE_N
O
Memory Write Enable
32, 31, 29, 28
M_DQM[3..0]
O
IO Mask of Data Bus M_DQM[3] -> M_D[31:24]
Table 18. SDRAM Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com