Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 12Page - Cirrus Logic CS7808 Datasheet HTML 13Page - Cirrus Logic CS7808 Datasheet HTML 14Page - Cirrus Logic CS7808 Datasheet HTML 15Page - Cirrus Logic CS7808 Datasheet HTML 16Page - Cirrus Logic CS7808 Datasheet HTML 17Page - Cirrus Logic CS7808 Datasheet HTML 18Page - Cirrus Logic CS7808 Datasheet HTML 19Page - Cirrus Logic CS7808 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
CS7808
16
1.2.9
Miscellaneous Interface Timing
Symbol
Description
Min
Typ
Max
Units
txccper
XTLCLOCK period1
1.XTLCLOCK must meet the requirement of external the video encoder for correct chroma (27 MHz
± 1 KHz).
37.037
ns
trstl
RESET_N Pulse Width
1000
ns
tgpl
GPIO PW Low
50
ns
tgpl
GPIO PW High
50
ns
Table 9. Miscellaneous Interface Characteristics
RESET- N
tgph
tgpl
trstl
XT LC LO C K
GPIO
xccper
t
Figure 12. Miscellaneous Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com