Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 21Page - Cirrus Logic CS7808 Datasheet HTML 22Page - Cirrus Logic CS7808 Datasheet HTML 23Page - Cirrus Logic CS7808 Datasheet HTML 24Page - Cirrus Logic CS7808 Datasheet HTML 25Page - Cirrus Logic CS7808 Datasheet HTML 26Page - Cirrus Logic CS7808 Datasheet HTML 27Page - Cirrus Logic CS7808 Datasheet HTML 28Page - Cirrus Logic CS7808 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
25
CS7808
03C
R/W
General
Semiphore_Register_7
040
RO
General
GenIO_Read_Data
044
R/W
General
GenIO_Write_Data
048
R/W
General
GenIO_Three_State_Enable
04C
R/W
General
GenIO_Positive_Edge
050
R/W
General
GenIO_Negative_Edge
054
R/W
General
GenIO_Interrupt_Status
058
R/W
General
GenIO_Positive_Edge_Mask
05C
R/W
General
GenIO_Negative_Edge_Mask
060
R/W
General
GenIO_Level_Mask
064
R/W
General
GenIO_Mode Register
1040
RO
General
GenIOMIS_Read_Data
1044
R/W
General
GenIOMIS_Write_Data
1048
R/W
General
GenIOMIS_Three_State_Enable
104C
R/W
General
GenIOMIS_Positive_Edge
1050
R/W
General
GenIOMIS_Negative_Edge
1054
R/W
General
GenIOMIS_Interrupt_Status
1058
R/W
General
GenIOMIS_Positive_Edge_Mask
105C
R/W
General
GenIOMIS_Negative_Edge_Mask
1060
R/W
General
GenIOMIS_Level_Mask
1064
R/W
General
GenIOMIS_Mode Register
1068
RO
General
GenIOD_Read_Data
106C
R/W
General
GenIOD_Write_Data
1070
R/W
General
GenIOD_HiZ_State_Enable
1074
RO
General
GenIOHST_Read_Data
1078
R/W
General
GenIOHST_Write_Data
107C
R/W
General
GenIOHST_HiZ_State_Enable
068
R/W
General
I2C_Mstr_Read_Comand
06C
R/W
General
I2C_Mstr_Write_1Byte
070
R/W
General
I2C_Mstr_Write_2Bytes
074
R/W
General
I2C_Mstr_Control
078
RO
General
I2C_Mstr_Status
07C
RO
General
I2C_Mstr_Read_Data
080
R/W
General
RSK0_Interrupt_Mask
084
WO
General
RSK0_Interrupt_Set
088
R/W
General
RSK0_Interrupt_Status
08C
RO
General
RSK0_Interrupt_Cause
090
R/W
General
DSP_Interrupt_Mask
094
WO
General
DSP_Interrupt_Set
Address
Type
Function
Register Name
Table 14. CS7808 Registers (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com