Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 15Page - Cirrus Logic CS7808 Datasheet HTML 16Page - Cirrus Logic CS7808 Datasheet HTML 17Page - Cirrus Logic CS7808 Datasheet HTML 18Page - Cirrus Logic CS7808 Datasheet HTML 19Page - Cirrus Logic CS7808 Datasheet HTML 20Page - Cirrus Logic CS7808 Datasheet HTML 21Page - Cirrus Logic CS7808 Datasheet HTML 22Page - Cirrus Logic CS7808 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
19
CS7808
•
Built in PLLs generate all required clocks from
27 Mhz input clock
3.2.4
Memory Controller
•
Supports SDRAM, and SGRAM, from 2 Mbytes to
32 Mbytes
•
Supports multiple banks of FLASH and ROM up to
16 Mbytes
•
32-bit data bus for DRAM, 8 or 16-bit data bus for
ROM
3.2.5
Data Flow Engine
•
2432 bytes of internal memory
•
DMA to/from main RAM into local SRAM
•
Supports endian conversion and byte, short, long
data formats on DMA
•
Supports block transfers for graphics bit blits
3.2.6
Audio Interface
•
Supports PCM, I2S and IEC-958 outputs at up to
96 KHz output rate
•
8 output channels, 2 input channels
3.2.7
Video Input
•
NTSC/PAL video decoder input interface
•
Built in variable down scaling, handles CCIR 601 to
QCIF input formats
•
Video input image can be displayed in small win-
dow, or as main picture
3.2.8
External Interface
•
Serial I2C
® master and slave port
•
29 independent fully programmable bi-directional
I/O pins
•
8 edge or level detection interrupt pins
•
Hardware assisted support for infrared remote de-
vices, such as remote control, infrared keyboard,
mouse, printer, and more
•
Programmable parallel host master and slave inter-
face supports many formats including ATAPI, ISA,
and more
•
Serial interface supports AC-97 and other standard
MODEM CODEC protocols
3.2.9
Video Processor
•
Supports 24-bit 4:2:0 and 4:2:2 video modes and
16-bit true color graphics modes.
•
On screen display module supports 2-bit, 4-bit, or 8-
bit pixel modes, while supporting 3 separate regions
and 16 transparency overlay levels
•
Picture-in-picture module includes horizontal and
vertical downscaling with programmable output siz-
es, positions, and borders
•
Overlay mixer with RGB to YUV conversion and
output formatting
•
Supports 4:2:0, 4:2:2, YUV655, RGB565 and
RGB555 frame buffer inputs
•
Outputs 4:2:2 video in CCIR-601 or CCIR-656 for-
mat
•
High quality scaling using a vertical and a horizontal
16 taps polyphase programmable filter and sup-
ports any size image up to 768x576
•
Programmable sharpening and de-blocking filters
•
5 taps programmable adaptive anti-flicker filtering
for graphics source
•
Master or Slave video sync configuration
•
Multiple video plains overlay (main video / video in-
put / picture_in_picture / picture/on_screen / dis-
play/cursor)
•
Gamma correction
3.2.10
Cursor
•
4-bit color
•
16-level alpha blending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com