Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 34Page - Cirrus Logic CS7808 Datasheet HTML 35Page - Cirrus Logic CS7808 Datasheet HTML 36Page - Cirrus Logic CS7808 Datasheet HTML 37Page - Cirrus Logic CS7808 Datasheet HTML 38Page - Cirrus Logic CS7808 Datasheet HTML 39Page - Cirrus Logic CS7808 Datasheet HTML 40Page - Cirrus Logic CS7808 Datasheet HTML 41Page - Cirrus Logic CS7808 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
CS7808
38
154
CLK27_O
B4U
Video Output Clock
O
GenioMis[6]
B
155
GPIO_D12
B4U
GenIOD[12]
B
156
VDD_PLL
Pwr
PLL Power 2.5V
I
157
VSS_PLL
Gnd
PLL Ground
I
158
VSS_CORE
Gnd
Core Ground
I
159
HSYNC
B4U
Video Output Hsync
O
GenioMis[4]
B
160
VIN_HSYNC
B4U
Video Input Hsync
I
GenioMis[24]
B
161
VDD_CORE
Pwr
Core Power 2.5V
I
162
VSYNC
B4U
Video Output Vsync
O
GenioMis[5]
B
163
VDAT_0
O4
Video Output Data[0]
O
164
VIN_D0
B4U
Video Input Data[0]
I
GenioMis[16]
B
165
VDAT_1
O4
Video Output Data[1]
O
166
VDAT_2
O4
Video Output Data[2]
O
167
VDAT_3
O4
Video Output Data[3]
O
168
VIN_D1
B4U
Video Input Data[1]
I
GenioMis[17]
B
169
VDAT_4
O4
Video Output Data[4]
O
170
VDAT_5
O4
Video Output Data[5]
O
171
UNUSED
may leave unconnected
172
VDAT_6
O4
Video Output Data[6]
O
173
VDAT_7
O4
Video Output Data[7]
O
174
GPIO_0
B4U
General Purpose IO[0]
B
Audio PLL Input Bypass
I
175
VIN_D2
B4U
Video Input Data[2]
I
GenioMis[18]
B
176
VSS_CORE
Gnd
Core Ground
I
177
AUD_DO_3
B4U
Audio Out Data[3]
O
General Purpose IO[1]
B
178
VDD_CORE
Pwr
Core Power 2.5V
I
179
VIN_D3
B4U
Video Input Data[3]
I
GenioMis[19]
B
180
VDD_IO
Pwr
I/O Power 3.3V
I
181
GPIO_2
B4U
General Purpose IO[2]
B
182
VSS_IO
Gnd
I/O Ground
I
183
GPIO_3
B4U
General Purpose IO[3]
B
184
VIN_D4
B4U
Video Input Data[4]
I
GenioMis[20]
B
185
GPIO_4
B4U
General Purpose IO[4]
B
186
SCL
B4U
I2C Clock
B
General Purpose IO[5]
B
187
SDA
B4U
I2C Data
B
General Purpose IO[6]
B
188
GPIO_7
B4U
General Purpose IO[7]
B
189
VIN_D5
B4U
Video Input Data[5]
I
GenioMis[21]
B
190
GPIO_8
B4U
General Purpose IO[8]
B
191
AUD_XCLK
B4U
Audio 256x/384x Clock
B
General Purpose IO[9]
B
192
GPIO_10
B4U
General Purpose IO[10]
B
193
VIN_D6
B4U
Video Input Data[6]
I
GenioMis[22]
B
Pin
Name
Type
Primary Function
Dir
Secondary Function
Dir
Note
Table 16. 208-Pin Package Assignments (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com