Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 39Page - Cirrus Logic CS7808 Datasheet HTML 40Page - Cirrus Logic CS7808 Datasheet HTML 41Page - Cirrus Logic CS7808 Datasheet HTML 42Page - Cirrus Logic CS7808 Datasheet HTML 43Page - Cirrus Logic CS7808 Datasheet HTML 44Page - Cirrus Logic CS7808 Datasheet HTML 45Page - Cirrus Logic CS7808 Datasheet HTML 46Page - Cirrus Logic CS7808 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
43
CS7808
6.5
Video Output Interface
This is the interface to a video encoder chip that will send the CS7808 video signals to a TV. See Figure 20.
The output format is either CCIR-601 or CCIR-656. The CS7808 supports both master and slave config-
uration. For CCIR-656 mode, the CS7808 must be the sync master. In this case, the HSYNC and VSYNC
pins can be redefined as GPIOs.
.
Pin
Signal Name
Type
Description
154
CLK27_O
O
27 Mhz Clock Output.
159
HSYNC
B
Horizontal Sync. Output when the CS7808 is the video
master, input when the video encoder is master.
162
VSYNC
B
Vertical Sync. Output when the CS7808 is the video mas-
ter, input when the video encoder is master.
173, 172, 170,
169, 167, 166,
165, 163
VDAT[7..0]
O
Video Data Output[7..0] in Cb,Y,Cr,Y format.
Table 20. Video Output Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com