Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 25Page - Cirrus Logic CS7808 Datasheet HTML 26Page - Cirrus Logic CS7808 Datasheet HTML 27Page - Cirrus Logic CS7808 Datasheet HTML 28Page - Cirrus Logic CS7808 Datasheet HTML 29Page - Cirrus Logic CS7808 Datasheet HTML 30Page - Cirrus Logic CS7808 Datasheet HTML 31Page - Cirrus Logic CS7808 Datasheet HTML 32Page - Cirrus Logic CS7808 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
29
CS7808
770
RO
Synchronization Control
Sync_Interrupt_Status
774
R/W
Synchronization Control
Sync_Interrupt_Control
778
WO
Synchronization Control
Sync_Interrupt_Set
77C
WO
Synchronization Control
Sync_Interrupt_Clear
800
R/W
MPEG Video Decoder
MPEG_Video_Control
804
R/W
MPEG Video Decoder
MPEG_Video_Setup
808
R/W
MPEG Video Decoder
MPEG_Video_FIFO_Start_Address
80C
R/W
MPEG Video Decoder
MPEG_Video_FIFO_End_Address
810
RO
MPEG Video Decoder
MPEG_Video_FIFO_Current_Address
814
RO
MPEG Video Decoder
MPEG_Video_Horiz_Pan_Vector
818
WO
MPEG Video Decoder
MPEG_Video_FIFO_Add_Bytes
81C
RO
MPEG Video Decoder
MPEG_Video_FIFO_Curr_Bytes
820
R/W
MPEG Video Decoder
MPEG_Video_FIFO_Interrupt_Bytes
824
RO
MPEG Video Decoder
MPEG_Video_FIFO_Total_Bytes
828
RO
MPEG Video Decoder
MPEG_Video_Status
82C
R/W
MPEG Video Decoder
Macroblock Width_Height
830
RO
MPEG Video Decoder
MPEG_Video_Debug
834
R/W
MPEG Video Decoder
MPEG_U_Offset
83C
R/W
MPEG Video Decoder
MPEG_I_Base_Register
840
R/W
MPEG Video Decoder
MPEG_P_Base_Register
844
R/W
MPEG Video Decoder
MPEG_Dest_Control
848
RO
MPEG Video Decoder
MPEG_Software_Flags
84C
R/W
MPEG Video Decoder
MPEG_V_Offset
854
R/W
MPEG Video Decoder
MPEG_AntiTearWindow
858
R/W
MPEG Video Decoder
MPEG_Error_Pos
900
R/W
Video Input Scaler
VIS_Control
904
R/W
Video Input Scaler
VIS_StartX
908
R/W
Video Input Scaler
VIS_EndX
90C
R/W
Video Input Scaler
VIS_StartY
910
R/W
Video Input Scaler
VIS_EndY
914
R/W
Video Input Scaler
VIS_Frame_Base
918
R/W
Video Input Scaler
VIS_U_Offset
91C
R/W
Video Input Scaler
VIS_V_Offset
920
R/W
Video Input Scaler
VIS_Frame_Size
A00
R/W
Picture-in-Picture
PIP_Control
A04
R/W
Picture-in-Picture
PIP_VidBrdStartX
A08
R/W
Picture-in-Picture
PIP_VidBrdEndX
A0C
R/W
Picture-in-Picture
PIP_VidBrdStartY
A10
R/W
Picture-in-Picture
PIP_VidBrdEndY
A14
R/W
Picture-in-Picture
PIP_BorderClr
Address
Type
Function
Register Name
Table 14. CS7808 Registers (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com