Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 41Page - Cirrus Logic CS7808 Datasheet HTML 42Page - Cirrus Logic CS7808 Datasheet HTML 43Page - Cirrus Logic CS7808 Datasheet HTML 44Page - Cirrus Logic CS7808 Datasheet HTML 45Page - Cirrus Logic CS7808 Datasheet HTML 46Page - Cirrus Logic CS7808 Datasheet HTML 47Page - Cirrus Logic CS7808 Datasheet HTML 48Page - Cirrus Logic CS7808 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
45
CS7808
6.7
Audio Output/Input Interface
This is the audio PCM interface that connects to an audio CODEC. See Table 22. The sample rate and the
size of the samples are programmable for both input and output direction.
Pin
Signal Name
Type
Description
191
AUD_XCLK
B
Audio 256x/384x Clock input or output to Serial DAC. When
output, is generated from CS7808 internal PLL.
124
AUD_BCK
O
Audio Bit Clock output to serial DAC.
128
AUD_LRCK
O
Audio Out Left/Right Clock to serial DAC.
135
AUD_DO_0
O
Audio Serial Data Out[0].
136
AUD_DO_1
O
Audio Serial Data Out[1].
133
AUD_DO_2
O
Audio Serial Data Out[2].
177
AUD_DO_3
O
Audio Serial Data Out[3].
204
SPDIF_O
O
S/PDIF Output
137
AIN_BCK
I
Audio Input Bit Clock. The CS7808 can be programmed to
use the Audio Output function’s internally generated bit
clock, in which case this pin is not required.
139
AIN_LRCK
I
Audio Input Left/Right Clock. The CS7808 can be pro-
grammed to use the Audio Output function’s internally gen-
erated LR clock, in which case this pin is not required.
140
AIN_DATA
I
Audio Input Data from Serial ADC.
Table 22. Audio Input/Output Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com