Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 35Page - Cirrus Logic CS7808 Datasheet HTML 36Page - Cirrus Logic CS7808 Datasheet HTML 37Page - Cirrus Logic CS7808 Datasheet HTML 38Page - Cirrus Logic CS7808 Datasheet HTML 39Page - Cirrus Logic CS7808 Datasheet HTML 40Page - Cirrus Logic CS7808 Datasheet HTML 41Page - Cirrus Logic CS7808 Datasheet HTML 42Page - Cirrus Logic CS7808 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
39
CS7808
Notes: 1. M_D[31:16] are driving when CS7808 is reading ROM/NVRAM on M_D[15:0], which occurs
immediately after reset.
2. H_D(15:8) pins may be reassigned as GenIOHst(7:0)
3. Pin can receive level or edge signals which generate an internal interrupt if pin is used as GPIO
194
GPIO_11
B4U
General Purpose IO[11]
B
195
GPIO_12
B4U
General Purpose IO[12]
B
196
GPIO_13
B4U
General Purpose IO[13]
B
197
GPIO_14
B4U
General Purpose IO[14]
B
198
VIN_D7
B4U
Video Input Data[7]
I
GenioMis[23]
B
199
GPIO_15
B4U
General Purpose IO[15]
B
200
VSS_CORE
Gnd
Core Ground
I
201
IR_IN
IS
Infrared input
I
202
XTLCLOCK
I
27 MHz Clock In
I
203
VDD_CORE
Pwr
Core Power 2.5V
I
204
SPDIF_O
O4
S/PDIF Out
O
205
RESET_N
IS
Reset In
I
206
MFG_TEST
I
(Tie to ground)
I
207
VIN_FLD
ID
Video Input Field
I
208
VSS_PLL
Gnd
PLL Ground
I
Pin
Name
Type
Primary Function
Dir
Secondary Function
Dir
Note
Table 16. 208-Pin Package Assignments (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com