Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 32Page - Cirrus Logic CS7808 Datasheet HTML 33Page - Cirrus Logic CS7808 Datasheet HTML 34Page - Cirrus Logic CS7808 Datasheet HTML 35Page - Cirrus Logic CS7808 Datasheet HTML 36Page - Cirrus Logic CS7808 Datasheet HTML 37Page - Cirrus Logic CS7808 Datasheet HTML 38Page - Cirrus Logic CS7808 Datasheet HTML 39Page - Cirrus Logic CS7808 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
CS7808
36
75
M_D_20
B8U
SDRAM Data[20]
B
ROM/NVRAM Address[16]
O
2
76
M_D_28
B8U
SDRAM Data[28]
B
2
77
GPIO_D8
B4U
GenIOD[8]
B
78
M_D_19
B8U
SDRAM Data[19]
B
ROM/NVRAM Address[15]
O
2
79
M_D_29
B8U
SDRAM Data[29]
B
2
80
M_D_18
B8U
SDRAM Data[18]
B
ROM/NVRAM Address[14]
O
2
81
NV_WE_N
B4U
NVRAM Write Enable
O
GenioMis[8]
B
82
VSS_CORE
Gnd
Core Ground
I
83
M_D_30
B8U
SDRAM Data[30]
B
ROM/NVRAM Decode Low
O
2
84
VDD_CORE
Pwr
Core Power 2.5V
I
85
H_ALE
B4U
Host Address Latch
O
GenioHst[13]
B
86
M_D_17
B8U
SDRAM Data[18]
B
ROM/NVRAM Address[13]
O
2
87
M_D_31
B8U
SDRAM Data[31]
B
ROM/NVRAM Decode High
O
2
88
M_D_16
B8U
SDRAM Data[16]
B
ROM/NVRAM Address[12]
O
2
89
GPIO_H14
B4U
GenioHst[14]
B
90
NV_OE_N
O4
ROM/NVRAM Output
Enable
O
91
VDD_IO
Pwr
I/O Power 3.3V
I
92
H_RD
B4S
Host Read Strobe
O
I
93
H_WR
B4
Host Write Strobe
O
I
94
GPIO_H15
B4U
GenioHst[15]
B
95
H_RDY
B4
Host Ready
I
O
96
VSS_IO
Gnd
I/O Ground
I
97
H_A_2
B4
Host Address[2]
O
GenioHst[10]
B
98
GPIO_H16
B4U
GenioHst[16]
B
99
H_A_1
B4
Host Address[1]
O
GenioHst[9]
B
100
H_A_0
B4
Host Address[0]
O
GenioHst[8]
B
101
H_CS_1
B4
Host Chip Select [1]
O
I
102
H_A_4
B4
Host Address[4]
O
GenioHst[12]
B
103
VSS_CORE
Gnd
Core Ground
I
104
VSS_PLL
Gnd
PLL Ground
I
105
VDD_PLL
Pwr
PLL Power 2.5V
I
106
H_CS_0
B4
Host Chip Select[0]
O
I
107
H_A_3
B4
Host Address[3]
O
GenioHst[11]
B
108
VDD_CORE
Pwr
Core Power 2.5V
I
109
H_D_15
B4
Host Data[15]
B
I
1
110
H_D_14
B4
Host Data[14]
B
I
1
111
H_CS_3
B4
Host Chip Select[3]
O
GenioHst[18]
B
112
H_D_13
B4S
Host Data[13]
B
I
1
113
H_D_12
B4
Host Data[12]
B
I
1
Pin
Name
Type
Primary Function
Dir
Secondary Function
Dir
Note
Table 16. 208-Pin Package Assignments (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com