Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 42Page - Cirrus Logic CS7808 Datasheet HTML 43Page - Cirrus Logic CS7808 Datasheet HTML 44Page - Cirrus Logic CS7808 Datasheet HTML 45Page - Cirrus Logic CS7808 Datasheet HTML 46Page - Cirrus Logic CS7808 Datasheet HTML 47Page - Cirrus Logic CS7808 Datasheet HTML 48Page - Cirrus Logic CS7808 Datasheet HTML 49Page - Cirrus Logic CS7808 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
CS7808
46
6.8
AC97/CODEC Interface
This serial interface could be used either as a second PCM CODEC interface or as an AC97 serial link to
an AC97 compliant CODEC. This interface could control a modem, or a second set of audio channels.
Table 23 describes the pin to signal assignments for the AC97/CODEC Interface.
Pin
Signal Name
Type
Description
142
CDC_DI
I
Serial Data Input from Modem CODEC
144
CDC_DO
O
Serial Data Output to Modem CODEC
146
CDC_RST
O
Reset Output to Modem CODEC
147
CDC_CK
I
Serial Bit Clock input from Modem CODEC
148
CDC_SY
B
Frame Sync, output when CS7808 is master, input when
CODEC is master.
Table 23. AC97/CODEC Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com