Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 5 Page - Cirrus Logic

  CS7808 Datasheet HTML 1Page - Cirrus Logic CS7808 Datasheet HTML 2Page - Cirrus Logic CS7808 Datasheet HTML 3Page - Cirrus Logic CS7808 Datasheet HTML 4Page - Cirrus Logic CS7808 Datasheet HTML 5Page - Cirrus Logic CS7808 Datasheet HTML 6Page - Cirrus Logic CS7808 Datasheet HTML 7Page - Cirrus Logic CS7808 Datasheet HTML 8Page - Cirrus Logic CS7808 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
5
CS7808
1.
CHARACTERISTICS AND SPECIFICATIONS
1.1
AC AND DC PARAMETRIC SPECIFICATIONS
(AGND, DGND=0V, all voltages with respect to 0V)
1.1.1
ABSOLUTE MAXIMUM RATING
CAUTION: Operating beyond these Minimum and Maximum limits can result in permanent damage to
the device. Cirrus Logic recommends that CS7808 devices operate at the settings described in the next ta-
ble.
1.1.2
RECOMMENDED OPERATING CONDITIONS
Symbol
Description
Min
Max
Unit
VDDIO
Power Supply Voltage on I/O ring
-0,5
4.6
Volts
VDDCORE
Power Supply Voltage on core logic and PLL
-0.5
3.6
Volts
VI
Digital Input Applied Voltage (power applied)
-0.5
5.5
Volts
II
Digital Input Forced Current
-10
10
mA
IO
Digital Output Forced Current
-50
50
mA
TSOL
Lead Soldering Temperature
-
260
oC
TVSOL
Vapor Phase Soldering Temperature
-
220
oC
TSTOR
Storage Temperature (no power applied)
-40
125
oC
TAMB
Ambient Temperature (power applied)
0
70
oC
Ptotal
Total Power consumption
-
2.5
W
Parameter
Symbol
Min
Typ
Max
Units
Supply Voltage, IO
VDD
3.0
3.3
3.6
Volts
Supply Voltage, core and PLL
VDD
2.25
2.5
2.75
Volts
Ambient Temperature (power applied)
TAMB
025
70
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com