Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 22Page - Cirrus Logic CS7808 Datasheet HTML 23Page - Cirrus Logic CS7808 Datasheet HTML 24Page - Cirrus Logic CS7808 Datasheet HTML 25Page - Cirrus Logic CS7808 Datasheet HTML 26Page - Cirrus Logic CS7808 Datasheet HTML 27Page - Cirrus Logic CS7808 Datasheet HTML 28Page - Cirrus Logic CS7808 Datasheet HTML 29Page - Cirrus Logic CS7808 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
CS7808
26
098
R/W
General
DSP_Interrupt_Status
09C
RO
General
DSP_Interrupt_Cause
0A0
R/W
General
RSK0_Interrupt_Mask2
0A4
WO
General
RSK0_Interrupt_Set2
0A8
R/W
General
RSK0_Interrupt2_Status
0AC
RO
General
RSK0_Interrupt_Cause2
1080
R/W
General
RSK1_Interrupt_Mask
1084
WO
General
RSK1_Interrupt_Set
1088
R/W
General
RSK1_Interrupt_Status
108C
RO
General
RSK1_Interrupt_Cause
10A0
R/W
General
RSK1_Interrupt_Mask2
10A4
WO
General
RSK1_Interrupt_Set2
10A8
R/W
General
RSK1_Interrupt2_Status
10AC
RO
General
RSK1_Interrupt_Cause2
0B0
R/W
General
DSP_Interrupt_Mask2
0B4
WO
General
DSP_Interrupt_Set2
0B8
R/W
General
DSP_Interrupt2_Status
0BC
RO
General
DSP_Interrupt_Cause2
0C0
R/W
General
Timer_0
0C4
R/W
General
Timer_1
0C8
R/W
General
Timer_2
0CC
R/W
General
Timer_3
0D0
R/W
General
Timer_Control
0D4
RO
General
Performance_Monitor_Count
0D8
R/W
General
Timer_M_Over_N
0E0
R/W
General
IR_Control
0E4
R/W
General
IR_Dram_Start_Address
0E8
R/W
General
IR_Dram_End_Address
0EC
RO
General
IR_Dram_Write_Address
0F0
R/W
General
PLL_Control_Register1
10F0
R/W
General
Low_Power_Clock_Control
0F4
R/W
General
PLL_Control_Register2
10F4
R/W
General
PLL_Control_Register3
0F8
R/W
General
PLL_Turn_Off
0FC
R/W
General
PLL_Clock_Divider
100
R/W
Host
Device_1_Control
104
R/W
Host
Device_2_Control
108
R/W
Host
Device_3_Control
10C
R/W
Host
Device_4_Control
110
R/W
Host
Write_Data_Port
Address
Type
Function
Register Name
Table 14. CS7808 Registers (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com