Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 38Page - Cirrus Logic CS7808 Datasheet HTML 39Page - Cirrus Logic CS7808 Datasheet HTML 40Page - Cirrus Logic CS7808 Datasheet HTML 41Page - Cirrus Logic CS7808 Datasheet HTML 42Page - Cirrus Logic CS7808 Datasheet HTML 43Page - Cirrus Logic CS7808 Datasheet HTML 44Page - Cirrus Logic CS7808 Datasheet HTML 45Page - Cirrus Logic CS7808 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
CS7808
42
6.4
ROM/NVRAM Interface
This is the interface to the non-volatile memory that contains the firmware. See Table 19. It could be either
ROM, NVRAM – FLASH, or EEPROM, or any combination of these types of memory. This interface can
also connect to SRAM that would emulate a ROM on a development system. The bus width is 8 or 16 bits.
Except for the NVM_WE_N and NVM_OE_N pins, all these pins are shared with the DRAM interface,
which operates simultaneously with the ROM/NVRAM interface.
Pin
Signal Name
Type
Description
60, 56, 54, 49,
46, 44, 40, 33,
37, 42, 45, 48,
51, 55, 59. 62
M_D[15..0]
B
Memory Data Bus. Use M_D[7:0] for 8-bit interface
2, 3, 5, 6, 7, 9,
10, 11, 13, 14,
15, 16
M_A[11..0]
O
Memory Address Bus[11..0]
74, 71, 68, 64,
67, 70, 72, 75,
78, 80, 86, 88
M_D[27..16]
O
Memory Address Bus[23..12]
For
16-bit data mode, M_D[26:16] is upper word address.
For 8-bit data mode, M_D[27:16] is upper byte address.
83
M_D[30]
O
Address decode low. Copy of address MSB.
87
M_D[31]
O
Address decode high. Compliment of address MSB.
60
NVM_WE_N
O
NVRAM Write Enable.
62
NVM_OE_N
O
ROM/NVRAM Output Enable.
Table 19. ROM/NVRAM Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com