Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 172 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 172 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 168Page - National Semiconductor (TI) PC87307 Datasheet HTML 169Page - National Semiconductor (TI) PC87307 Datasheet HTML 170Page - National Semiconductor (TI) PC87307 Datasheet HTML 171Page - National Semiconductor (TI) PC87307 Datasheet HTML 172Page - National Semiconductor (TI) PC87307 Datasheet HTML 173Page - National Semiconductor (TI) PC87307 Datasheet HTML 174Page - National Semiconductor (TI) PC87307 Datasheet HTML 175Page - National Semiconductor (TI) PC87307 Datasheet HTML 176Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 218 page
background image
172
Power Management (Logical Device 8)
www.national.com
9.0
Power Management
(Logical Device 8)
9.1
POWER MANAGEMENT OPTIONS
The power management logical device provides configura-
tion options and control of the WATCHDOG feature.
9.1.1
Configuration Options
Registers in this logical device enable activation of other
logical devices, and set I/O characteristics for certain pins.
(See Section 9.2)
9.1.2
The WATCHDOG Feature
The WATCHDOG feature lets you implement power saving
strategies that power down the entire system if it is unused
for a defined period of time. This feature is especially attrac-
tive for battery-powered systems.
The WATCHDOG function generates the WDO output sig-
nal, which the system may use to implement power-down
activities.
The WATCHDOG function is activated by setting the
WATCHDOG Time-Out (WDTO) register to a value from 1
through 255 minutes. This defines a maximum countdown
period. The WATCHDOG timer starts with this value and
counts down to 0 unless a trigger event restarts the count.
The WATCHDOG Configuration register (WDCF) specifies
the trigger events that cause reloading of the WATCHDOG
time-out value into the timer and restart the countdown. See
“WATCHDOG Configuration Register (WDCF), Index 06h”
on page 175.
If the timer reaches zero, it is disabled, the WDO signal be-
comes active (low) and the host system can use WDO to
trigger power down.You can monitor the state of the WDO
signal at any time by reading bit 1 of the WATCHDOG Sta-
tus (WDST) register.
9.2
THE POWER MANAGEMENT REGISTERS
The power management registers are accessed via the
Power Management Index and Data registers, which are lo-
cated at base address and base address + 01h, respective-
ly. The base address is indicated by the Base Address
registers at indexes 60h and 61h of logical device 8, respec-
tively. See Table 2-20 on page 34.
Table 9-1 lists the power management registers.
TABLE 9-1. The Power Management Registers
9.2.1
Power Management Index Register,
Base Address + 00h
This read/write register is reset by hardware to 00h. It points
to one of the power management registers. Bits 7 through 3
are read only and return 00000 when read.
The data in the indicated register is accessed via the Power
Management Data register at the base address + 01h.
FIGURE 9-1. Power Management Index Register
Bitmap
Index Symbol
Description
Type
Base+0
Power Management Index Register R/W
Base+1
Power Management Data Register R/W
00h
FER1
Function Enable Register 1
R/W
01h
FER2
Function Enable Register 2
R/W
02h
PMC1
Power Management Control 1
R/W
03h
PMC2
Power Management Control 2
R/W
04h
PMC3
Power Management Control 3
R/W
05h
WDTO
WATCHDOG Time-Out Register
R/W
06h
WDCF WATCHDOG Configuration Register R/W
07h
WDST
WATCHDOG Status Register
R/W
Index of a Power
Read Only
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
0
Base Address
Power Management
Management Register
Index Register,
+ 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com