Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 174 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 174 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 170Page - National Semiconductor (TI) PC87307 Datasheet HTML 171Page - National Semiconductor (TI) PC87307 Datasheet HTML 172Page - National Semiconductor (TI) PC87307 Datasheet HTML 173Page - National Semiconductor (TI) PC87307 Datasheet HTML 174Page - National Semiconductor (TI) PC87307 Datasheet HTML 175Page - National Semiconductor (TI) PC87307 Datasheet HTML 176Page - National Semiconductor (TI) PC87307 Datasheet HTML 177Page - National Semiconductor (TI) PC87307 Datasheet HTML 178Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 218 page
background image
174
Power Management (Logical Device 8)
www.national.com
Bits 6-3 - Reserved
Reserved.
Bit 7 - GPIO Ports Function Enable
0 - GPIO Ports 1 and 2 are inactive (disabled). Reads
and writes are ignored; registers and pins are
maintained. Bit 0 of the Activate register (index
30h) of the GPIO Ports logical device is ignored.
(Default)
1 - GPIO Ports 1 and 2 are active (enabled) when bit 0
of the Activate register (index 30h) of the GPIO
Ports logical device is set.
9.2.5
Power Management Control 1 Register (PMC1),
Index 02h
Hardware resets this read/write register to 00h.
A set bit puts the signals of the corresponding inactive logi-
cal device in TRI-STATE (except IRQ and DMA pins) re-
gardless of the value of bit 0 of the corresponding logical
device register at index F0h.
A cleared bit has no effect. In this case, the TRI-STATE sta-
tus of signals is controlled by bit 0 of the corresponding log-
ical device register at index F0h.
This is an OR function between PMC1 and the register at in-
dex F0h of the corresponding logical device.
FIGURE 9-5. PMC1 Register Bitmap
Bits 2-0 - Reserved
These bits are reserved.
Bit 3 - FDC TRI-STATE Control
0 - No effect. TRI-STATE controlled by bit 0 of the Su-
perI/O FDC Configuration register. (Default)
See Section 2.6.1 on page 36.
1 - FDC signals are in TRI-STATE.
Bit 4 - Parallel Port TRI-STATE Control
0 - No effect. TRI-STATE controlled by bit 0 of the Su-
perI/O Parallel Port Configuration register. (Default)
See Section 2.7.1 on page 37.
1 - Parallel Port signals are in TRI-STATE.
Bit 5 - UART2 and Infrared TRI-STATE Control
0 - No effect. TRI-STATE controlled by bit 0 of the Su-
perI/O UART2 Configuration register. (Default)
See Section 2.8.1 on page 38.
1 - UART2 signals are in TRI-STATE.
FDC TRI-STATE Control
76543210
Reset
Required
0
0
0
0
0
0
0
0
Index 02h
Power Management
Control 1 Register
Parallel Port TRI-STATE Control
UART2 and Infrared TRI-STATE Control
Reserved
Reserved
UART1 TRI-STATE Control
(PMC1)
Bit 6 - UART1 TRI-STATE Control
0 - No effect. TRI-STATE controlled by bit 0 of the Su-
perI/O UART1 Configuration register. (Default)
See Section 2.9.1 on page 38.
1 - UART1 signals are in TRI-STATE.
Bit 7 - Reserved
Reserved.
9.2.6
Power Management Control 2 Register (PMC2),
Index 03h
Hardware resets this read/write register according to the
CFG2 and CFG3 strap pins, the status of the multiplier clock
and the hardware configuration. See Table 2-2 on page 25
and the description of the bits in this register.
FIGURE 9-6. PMC2 Register Bitmap
Bits 1,0 - SuperI/O Clock Source
Bit 0 is the Least Significant Bit (LSB).
00 - The 24 MHz clock is fed via the X1 pin.
01 - Reserved.
10 - The 48 MHz clock is fed via the X1 pin.
11 - The clock source is the on-chip clock multiplier.
Bit 2 - Clock Multiplier Enable
0 - On-chip clock multiplier is disabled.
1 - On-chip clock multiplier is enabled.
Bits 6-3 - Reserved
These bits are reserved.
Bit 7 - Valid Multiplier Clock Status
This bit is read only.
0 - On-chip clock (clock multiplier output) is frozen.
1 - On-chip clock (clock multiplier output) is stable and
toggling.
SuperI/O Clock Source
76543210
Reset
Required
X
X
X
0
0
0
0
Index 03h
Power Management
Control 2 Register
Clock Multiplier Enable
Reserved
Valid Multiplier Clock Status
(PMC2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com