Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 173 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 173 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 169Page - National Semiconductor (TI) PC87307 Datasheet HTML 170Page - National Semiconductor (TI) PC87307 Datasheet HTML 171Page - National Semiconductor (TI) PC87307 Datasheet HTML 172Page - National Semiconductor (TI) PC87307 Datasheet HTML 173Page - National Semiconductor (TI) PC87307 Datasheet HTML 174Page - National Semiconductor (TI) PC87307 Datasheet HTML 175Page - National Semiconductor (TI) PC87307 Datasheet HTML 176Page - National Semiconductor (TI) PC87307 Datasheet HTML 177Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 218 page
background image
173
Power Management (Logical Device 8)
www.national.com
9.2.2
Power Management Data Register,
Base Address + 01h
This read/write register contains the data in the register
pointed to by the Power Management Index register at the
base address. See Figure 9-2.
FIGURE 9-2. Power Management Data Register
Bitmap
9.2.3
Function Enable Register 1 (FER1), Index 00h
Hardware resets this read/write register to FFh.
A set bit enables activation of the corresponding logical de-
vice via its Active register at index 30h.
A cleared bit disables the corresponding logical device re-
gardless of the value in its Active register. Bit 0 of the Active
register of a logical device is ignored when the correspond-
ing FER1 bit is cleared. See Figure 9-3.
FIGURE 9-3. FER1 Register Bitmap
Bit 0 - KBC Function Enable
0 - Disabled.
1 - Enabled. (Default)
Bit 1 - Reserved
Reserved.
Bit 2 - RTC Function Enable
0 - Disabled.
1 - Enabled. (Default)
Data in the Indicated Power
76543210
Reset
Required
0
0
0
0
0
0
0
0
Base Address
Power Management
Management Register
Data Register,
+ 01h
KBC Function Enable
76543210
Reset
Required
1
1
1
1
1
1
1
1
Index 00h
Function Enable
UART2 and Infrared Function Enable
Register 1 (FER1),
Reserved
RTC Function Enable
FDC Function Enable
Parallel Port Function Enable
UART1 Function Enable
Reserved
Bit 3 - FDC Function Enable
0 - Disabled.
1 - Enabled. (Default)
Bit 4 - Parallel Port Function Enable
0 - Disabled. (Default).
1 - Enabled.
Bit 5 - UART2 and Infrared Function Enable
0 - Disabled. (Default).
1 - Enabled.
Bit 6 - UART1 Function Enable
0 - Disabled. (Default)
1 - Enabled.
Bit 7 - Reserved
Reserved.
9.2.4
Function Enable Register 2 (FER2), Index 01h
Hardware resets this read/write register to FFh.
FIGURE 9-4. FER2 Register Bitmap
Bit 0 - Programmable CS0 Function Enable
See CS0 Configuration 0 register in Section 2.10.3 on
page 39.
0 - CS0 is disabled.CS0 is not asserted; CS0 configu-
ration and base address registers are maintained.
1 - CS0 is enabled. (Default)
Bit 1 - Programmable CS1 Function Enable
See CS1 Configuration 1 register in Section 2.10.7 on
page 40.
0 - CS1 is disabled.CS1 signal is not asserted, CS1
configuration and base address registers are main-
tained.
1 - CS1 is enabled. (Default)
Bit 2 - Programmable CS2 Function Enable
See CS2 Configuration 2 register in Section 2.10.11 on
page 40.
0 - CS2 is disabled.The CS2 signal is not asserted,
CS2 configuration and base address registers are
maintained.
1 - CS2 is enabled. (Default)
Programmable CS0 Enable
76543210
Reset
Required
1
1
1
1
1
1
1
1
Index 01h
Function Enable
Register 2 (FER2),
Programmable CS1 Enable
Programmable CS2 Enable
Reserved
GPIO Ports Function Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com