Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 176 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 176 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 172Page - National Semiconductor (TI) PC87307 Datasheet HTML 173Page - National Semiconductor (TI) PC87307 Datasheet HTML 174Page - National Semiconductor (TI) PC87307 Datasheet HTML 175Page - National Semiconductor (TI) PC87307 Datasheet HTML 176Page - National Semiconductor (TI) PC87307 Datasheet HTML 177Page - National Semiconductor (TI) PC87307 Datasheet HTML 178Page - National Semiconductor (TI) PC87307 Datasheet HTML 179Page - National Semiconductor (TI) PC87307 Datasheet HTML 180Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 218 page
background image
176
Power Management (Logical Device 8)
www.national.com
Upon reset and upon activation of the power management
device, all trigger events are disabled, i.e., bits are cleared
to zero.
See “The WATCHDOG Feature” on page 172 for more in-
formation.
FIGURE 9-9. WDCF Register Bitmap
Bit 0 - KBC IRQ Trigger Enable
This bit enables the IRQ assigned to the KBC to trigger
reloading of the WATCHDOG timer.
Reset clears this bit to 0.
0 - KBC IRQ trigger disabled. (Default)
1 - An active KBC IRQ signal triggers reloading of the
WATCHDOG timer.
Bit 1 - Mouse IRQ Trigger Enable
This bit enables the IRQ assigned to the mouse to trig-
ger reloading of the WATCHDOG timer.
Reset clears this bit to 0.
0 - Mouse IRQ trigger disabled. (Default)
1 - An active mouse IRQ signal triggers reloading of
the WATCHDOG timer.
Bit 2 - UART1 IRQ Trigger Enable
This bit enables the IRQ assigned to UART1 to trigger
reloading of the WATCHDOG timer.
Reset clears this bit to 0.
0 - UART1 IRQ trigger disabled. (Default)
1 - An active UART1 IRQ signal triggers reloading of
the WATCHDOG timer.
Bit 3 - UART2 IRQ Trigger Enable
This bit enables the IRQ assigned to UART2 to trigger
reloading of the WATCHDOG timer.
Reset clears this bit to 0.
0 - UART2 IRQ trigger disabled. (Default)
1 - An active UART2 IRQ signal triggers reloading of
the WATCHDOG timer.
Bits 7-4 - Reserved
Reserved
76543210
Reset
Required
0
0
0
0
0
0
0
0
WATCHDOG Configuration
Index 06h
Register (WDCF)
Mouse IRQ Trigger Enable
UART1 IRQ Trigger Enable
UART2 IRQ Trigger Enable
KBC IRQ Trigger Enable
Reserved
9.2.10
WATCHDOG Status Register (WDST),
Index 07h
Bit 1 of this register contains the value of the WDO signal,
for monitoring by software.
On reset or on PM logical device activation this register is
initialized to 01h.
See “The WATCHDOG Feature” on page 172 for more in-
formation.
FIGURE 9-10. WDST Register Bitmap
Bit 0 - WDO Value
This read-only bit reflects the value of WDO. It is initial-
ized to 1 by a hardware reset.
This bit reflects the status of the WDO signal, even if
WDO is not configured for output by bit 6 of SuperI/O
Configuration register 2, in which case the pin is used
for GPIO17.
0 - WDO is active.
1 - WDO is not active. (Default)
Bits 7-1 - Reserved
These bits are reserved.
Reserved
76543210
Reset
Required
1
0
0
0
0
0
0
0
WATCHDOG Status
Index 07h
Register (WDST)
WDO Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com