Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 197 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 197 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 193Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 194Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 195Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 196Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 197Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 198Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 199Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 200Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 201Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
6.16
Serial Port Interface (SPI)
The DM6441 SPI peripheral provides a programmable length shift register which allows serial
communication with other SPI devices through a 3- or 4-wire interface. The SPI supports the following
features:
•
Master mode operation
•
Two chip selects for interfacing to multiple slave SPI devices.
•
3- or 4-wire interface
The SPI registers are shown in Table 6-74.
6.16.1 SPI Peripheral Register Description(s)
Table 6-74. SPI Register Descriptions
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01C6 6800
SPIGCR0
SPI Global Control Register 0
0x01C6 6804
SPIGCR1
SPI Global Control Register 1
0x01C6 6808
SPIINT
SPI Interrupt Register
0x01C6 680C
SPILVL
SPI Interrupt Level Register
0x01C6 6810
SPIFLG
SPI Flag Status Register
0x01C6 6814
SPIPC0
SPI Pin Control Register 0
0x01C6 6818
–
Reserved
0x01C6 681C
SPIPC2
SPI Pin Control Register 2
0x01C6 6820 - 0x01C6 6838
–
Reserved
0x01C6 683C
SPIDAT1
SPI Shift Register 1
0x01C6 6840
SPIBUF
SPI Buffer Register
0x01C6 6844
SPIEMU
SPI Emulation Register
0x01C6 6848
SPIDELAY
SPI Delay Register
0x01C6 684C
SPIDEF
SPI Default Chip Select Register
0x01C6 6850
SPIFMT0
SPI Data Format Register 0
0x01C6 6854
SPIFMT1
SPI Data Format Register 1
0x01C6 6858
SPIFMT2
SPI Data Format Register 2
0x01C6 685C
SPIFMT3
SPI Data Format Register 3
0x01C6 6860
INTVEC0
SPI Interrupt Vector Register 0
0x01C6 6864
INTVEC1
SPI Interrupt Vector Register 1
0x01C6 6868 - 0x01C6 6FFF
Reserved
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
197
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com