Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 201 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 201 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 197Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 198Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 199Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 200Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 201Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 202Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 203Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 204Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 205Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
6.17 Inter-Integrated Circuit (I2C)
The inter-integrated circuit (I2C) module provides an interface between DM6441 and other devices
compliant with Philips Semiconductor's Inter-IC bus (I2C-Bus™) specification version 2.1. External
components attached to this 2-wire serial bus can transmit/receive up to 8-bit data to/from the DSP
through the I2C module. The I2C port does not support CBUS compatible devices.
The I2C port supports:
•
Compatible with Philips I2C Specification, Revision 2.1 (January 2000)
•
Fast mode up to 400 Kbps (no fail-safe I/O buffers)
•
Noise filter to remove noise 50 ns or less
•
7- and 10-bit device addressing modes
•
Master (transmit/receive) and slave (transmit/receive) functionality
•
Events: DMA, interrupt, or polling
•
Slew-rate limited open-drain output buffers
For more detailed information on the I2C peripheral, see Section 2.8.3, Documentation Support, for the
TMS320DM644x DMSoC Peripherals Overview Reference Guide (literature number SPRUE19).
CAUTION
The DM6441 I2C pins use a standard ±4-mA LVCMOS buffer, not the slow I/O buffer
defined in the I2C specification. Series resistors may be necessary to reduce noise at
the system level.
6.17.1
I2C Peripheral Register Description(s)
Table 6-80. I2C Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x1c2 1000
ICOAR
I2C Own Address Register
0x1c2 1004
ICIMR
I2C Interrupt Mask Register
0x1c2 1008
ICSTR
I2C Interrupt Status Register
0x1c2 100C
ICCLKL
I2C Clock Divider Low Register
0x1c2 1010
ICCLKH
I2C Clock Divider High Register
0x1c2 1014
ICCNT
I2C Data Count Register
0x1c2 1018
ICDRR
I2C Data Receive Register
0x1c2 101C
ICSAR
I2C Slave Address Register
0x1c2 1020
ICDXR
I2C Data Transmit Register
0x1c2 1024
ICMDR
I2C Mode Register
0x1c2 1028
ICIVR
I2C Interrupt Vector Register
0x1c2 102C
ICEMDR
I2C Extended Mode Register
0x1c2 1030
ICPSC
I2C Prescaler Register
0x1c2 1034
ICPID1
I2C Peripheral Identification Register 1
0x1c2 1038
ICPID2
I2C Peripheral Identification Register 2
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
201
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com