Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 205 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 205 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 201Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 202Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 203Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 204Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 205Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 206Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 207Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 208Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 209Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
6.18.2
ASP Electrical Data/Timing
6.18.2.1
Audio Serial Port (ASP) Timing
Table 6-84. Timing Requirements for ASP(1) (see Figure 6-64)
1.05 V and 1.2 V
NO.
UNIT
MIN
MAX
2
tc(CKRX)
Cycle time, CLKR/X
CLKR/X ext
38.5 or 2P(2) (3)
ns
3
tw(CKRX)
Pulse duration, CLKR/X high or CLKR/X low
CLKR/X ext
19.25 or P(2) (3) (4)
ns
CLKR int
11.8
5
tsu(FRH-CKRL)
Setup time, external FSR high before CLKR low
ns
CLKR ext
1.3
CLKR int
6
6
th(CKRL-FRH)
Hold time, external FSR high after CLKR low
ns
CLKR ext
3
CLKR int
10.7
7
tsu(DRV-CKRL)
Setup time, DR valid before CLKR low
ns
CLKR ext
0.9
CLKR int
3
8
th(CKRL-DRV)
Hold time, DR valid after CLKR low
ns
CLKR ext
3.1
CLKX int
12.2
10
tsu(FXH-CKXL)
Setup time, external FSX high before CLKX low
ns
CLKX ext
1.4
CLKX int
6
11
th(CKXL-FXH)
Hold time, external FSX high after CLKX low
ns
CLKX ext
3
(1)
CLKRP = CLKXP = FSRP = FSXP = 0. If polarity of any of the signals is inverted, then the timing references of that signal are also
inverted.
(2)
P = 1/SYSCLK5 clock frequency in ns. For example, when running parts at DSP frequency of 405 MHz, use P = 14.8 ns.
(3)
Use whichever value is greater.
(4)
The ASP does not require a duty cycle specification, just ensure the minimum pulse duration specification is met.
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
205
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com