Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 208 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 208 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 204Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 205Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 206Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 207Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 208Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 209Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 210Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 211Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 212Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
6.19 Ethernet Media Access Controller (EMAC)
The Ethernet media access controller (EMAC) provides an efficient interface between DM6441 and the
network. The DM6441 EMAC support both 10Base-T and 100Base-TX, or 10 Mbits/second (Mbps) and
100 Mbps in either half- or full-duplex mode, with hardware flow control and quality of service (QOS)
support.
The EMAC controls the flow of packet data from the DM6441 device to the PHY. The MDIO module
controls PHY configuration and status monitoring.
Both the EMAC and the MDIO modules interface to the DM6441 device through a custom interface that
allows efficient data transmission and reception. This custom interface is referred to as the EMAC control
module, and is considered integral to the EMAC/MDIO peripheral. The control module is also used to
multiplex and control interrupts.
For more detailed information on the EMAC peripheral, see the TMS320DM644x DMSoC Ethernet Media
Access Controller (EMAC)/Management Data Input/Output (MDIO) Module User's Guide (literature
number SPRUE24). For a list of supported registers and register fields, see Table 6-86 [Ethernet MAC
(EMAC) Control Registers] and Table 6-87 [EMAC Statistics Registers] in this data manual.
6.19.1
EMAC Peripheral Register Description(s)
Table 6-86. Ethernet MAC (EMAC) Control Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01C8 0000
TXIDVER
Transmit Identification and Version Register
01C8 0004
TXCONTROL
Transmit Control Register
01C8 0008
TXTEARDOWN
Transmit Teardown Register
01C8 0010
RXIDVER
Receive Identification and Version Register
01C8 0014
RXCONTROL
Receive Control Register
01C8 0018
RXTEARDOWN
Receive Teardown Register
01C8 0080
TXINTSTATRAW
Transmit Interrupt Status (Unmasked) Register
01C8 0084
TXINTSTATMASKED
Transmit Interrupt Status (Masked) Register
01C8 0088
TXINTMASKSET
Transmit Interrupt Mask Set Register
01C8 008C
TXINTMASKCLEAR
Transmit Interrupt Mask Clear Register
01C8 0090
MACINVECTOR
MAC Input Vector Register
01C8 00A0
RXINTSTATRAW
Receive Interrupt Status (Unmasked) Register
01C8 00A4
RXINTSTATMASKED
Receive Interrupt Status (Masked) Register
01C8 00A8
RXINTMASKSET
Receive Interrupt Mask Set Register
01C8 00AC
RXINTMASKCLEAR
Receive Interrupt Mask Clear Register
01C8 00B0
MACINTSTATRAW
MAC Interrupt Status (Unmasked) Register
01C8 00B4
MACINTSTATMASKED
MAC Interrupt Status (Masked) Register
01C8 00B8
MACINTMASKSET
MAC Interrupt Mask Set Register
01C8 00BC
MACINTMASKCLEAR
MAC Interrupt Mask Clear Register
01C8 0100
RXMBPENABLE
Receive Multicast/Broadcast/Promiscuous Channel Enable Register
01C8 0104
RXUNICASTSET
Receive Unicast Enable Set Register
01C8 0108
RXUNICASTCLEAR
Receive Unicast Clear Register
01C8 010C
RXMAXLEN
Receive Maximum Length Register
01C8 0110
RXBUFFEROFFSET
Receive Buffer Offset Register
01C8 0114
RXFILTERLOWTHRESH
Receive Filter Low Priority Frame Threshold Register
01C8 0120
RX0FLOWTHRESH
Receive Channel 0 Flow Control Threshold Register
01C8 0124
RX1FLOWTHRESH
Receive Channel 1 Flow Control Threshold Register
01C8 0128
RX2FLOWTHRESH
Receive Channel 2 Flow Control Threshold Register
01C8 012C
RX3FLOWTHRESH
Receive Channel 3 Flow Control Threshold Register
208
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com