Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 213 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 213 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 209Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 210Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 211Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 212Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 213Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 214Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 215Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 216Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 217Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 236 page
background image
MRCLK (Input)
1
2
MRXD3−MRXD0,
MRXDV, MRXER (Inputs)
1
MTCLK (Input)
MTXD3−MTXD0,
MTXEN (Outputs)
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 6-92. Timing Requirements for EMAC MII Receive 10/100 Mbit/s(1) (see Figure 6-67)
1.05 V and
1.2 V
NO.
UNIT
MIN
MAX
1
tsu(MRXD-MRCLKH)
Setup time, receive selected signals valid before MRCLK high
8
ns
2
th(MRCLKH-MRXD)
Hold time, receive selected signals valid after MRCLK high
8
ns
(1)
Receive selected signals include: MRXD3-MRXD0, MRXDV, and MRXER.
Figure 6-67. EMAC Receive Interface Timing
Table 6-93. Switching Characteristics Over Recommended Operating Conditions for EMAC MII Transmit
10/100 Mbit/s(1) (see Figure 6-68)
1.05 V and
1.2 V
NO.
UNIT
MIN
MAX
1
td(MTCLKH-MTXD)
Delay time, MTCLK high to transmit selected signals valid
5
25
ns
(1)
Transmit selected signals include: MTXD3-MTXD0, and MTXEN.
Figure 6-68. EMAC Transmit Interface Timing
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
213
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com