Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 216 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 216 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 212Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 213Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 214Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 215Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 216Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 217Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 218Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 219Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 220Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
6.21 Timer
The DM6441 device has three 64-bit general-purpose timers which have the following features:
•
64-bit count-up counter
•
Timer modes:
–
64-bit general-purpose timer mode
–
Dual 32-bit general-purpose timer mode (Timer 0 and 1)
–
Watchdog timer mode
•
Two possible clock sources:
–
Internal clock
–
External clock input via timer input pin TIM_IN (Timer 0 only)
•
Two operation modes:
–
One-time operation (timer runs for one period then stops)
–
Continuous operation (timer automatically resets after each period)
•
Generates interrupts to both the DSP and the ARM CPUs
•
Generates sync event to EDMA3
For more detailed information, see the TMS320DM644x DMSoC 64-Bit Timer User's Guide (literature
number SPRUE26).
6.21.1
Timer Peripheral Register Description(s)
Table 6-97. Timer 0 Registers
HEX ADDRESS RANGE
ACRONYM
DESCRIPTION
0x01C2 1400
-
Reserved
0x01C2 1404
EMUMGT_CLKSPD
Timer 0 Emulation Management/Clock Speed Register
0x01C2 1410
TIM12
Timer 0 Counter Register 12
0x01C2 1414
TIM34
Timer 0 Counter Register 34
0x01C2 1418
PRD12
Timer 0 Period Register 12
0x01C2 141C
PRD34
Timer 0 Period Register 34
0x01C2 1420
TCR
Timer 0 Control Register
0x01C2 1424
TGCR
Timer 0 Global Control Register
0x01C2 1428 - 0x01C2 17FF
-
Reserved
Table 6-98. Timer 1 Registers
HEX ADDRESS RANGE
ACRONYM
DESCRIPTION
0x01C2 1800
-
Reserved
0x01C2 1804
EMUMGT_CLKSPD
Timer 1 Emulation Management/Clock Speed Register
0x01C2 1810
TIM12
Timer 1 Counter Register 12
0x01C2 1814
TIM34
Timer 1 Counter Register 34
0x01C2 1818
PRD12
Timer 1 Period Register 12
0x01C2 181C
PRD34
Timer 1 Period Register 34
0x01C2 1820
TCR
Timer 1 Control Register
0x01C2 1824
TGCR
Timer 1 Global Control Register
0x01C2 1828 - 0x01C2 1BFF
-
Reserved
216
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com