Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 225 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 225 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 221Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 222Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 223Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 224Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 225Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 226Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 227Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 228Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 229Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 236 page
background image
Valid
MS_CLK
MS_DATA
1
2
Valid
MS_CLK
MS_DATA
MS_BS
3
4
5
6
8
10
11
13
9
7
12
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
6.24.2 Memory Stick/Memory Stick PRO Electrical Data/Timing
Table 6-110. Timing Requirements for Memory Stick/Memory Stick PRO Serial Interface (see Figure 6-76)
1.05 V and 1.2 V
NO.
UNIT
MIN
MAX
1
tsu(DV-MSCLKr)
Setup time, data valid before MS_CLK rising edge
5
ns
2
th(MCLKr-DV)
Hold time, data valid after MS_CLK rising edge
7
ns
Figure 6-76. Memory Stick/Memory Stick PRO Serial Interface Input Timing
Table 6-111. Switching Characteristics Over Recommended Operating Conditions for
Memory Stick/Memory Stick PRO Serial Interface (see Figure 6-77)
1.05 V and 1.2 V
NO.
PARAMETER
UNIT
MIN
MAX
3
f(MS_CLK)
MS_CLK frequency
20
MHz
4
tw(MS_CLKH)
Pulse duration, MS_CLK high
15
ns
5
tw(MS_CLKL)
Pulse duration, MS_CLK low
15
ns
6
tf(MS_CLK)
Fall time, MS_CLK
10
ns
7
tr(MS_CLK)
Rise time, MS_CLK
10
ns
8
td(MS_CLK - MS_BSV)
Delay time, MS_CLK falling edge to MS_BS valid
-15
15
ns
9
tf(MS_BS)
Fall time, MS_BS
5
ns
10
tr(MS_BS)
Rise time, MS_BS
5
ns
11
td(MS_CLK - MS_DATxV)
Delay time, MS_CLK falling edge to MS_DATx valid
-15
15
ns
12
tf(MS_DATx)
Fall time, MS_DATx
5
ns
13
tr(MS_DATx)
Rise time, MS_DATx
5
ns
Figure 6-77. Memory Stick/Memory Stick PRO Serial Interface Output Timing
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
225
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com