Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 228 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 228 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 224Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 225Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 226Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 227Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 228Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 229Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 230Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 231Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 232Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
6.25.1
Host-Port Interface (HPI) Electrical Data/Timing
Table 6-116. Timing Requirements for Host-Port Interface Cycles(1) (2)
(see Figure 6-81 through Figure 6-82)
1.05 V and
1.2 V
NO.
UNIT
MIN
MAX
1
tsu(SELV-HSTBL)
Setup time, select signals(3) valid before HSTROBE low
5
ns
2
th(HSTBL-SELV)
Hold time, select signals(3) valid after HSTROBE low
2
ns
3
tw(HSTBL)
Pulse duration, HSTROBE low
15
ns
4
tw(HSTBH)
Pulse duration, HSTROBE high between consecutive accesses
2P
ns
12
tsu(HDV-HSTBH)
Setup time, host data valid before HSTROBE high
5
ns
13
th(HSTBH-HDV)
Hold time, host data valid after HSTROBE high
0
ns
Hold time, HSTROBE high after HRDY low. HSTROBE should not
14
th(HRDYL-HSTBH)
beinactivated until HRDY is active (low); otherwise, HPI writes will not
2
ns
complete properly.
(1)
HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS.
(2)
P = 1/CPU clock frequency in ns. For example, when running parts at 405 MHz, use P = 2.47 ns.
(3)
Select signals include: HCNTL[1:0] and HR/W. For HPI16 mode only, select signals also include HHWIL.
Table 6-117. Switching Characteristics Over Recommended Operating Conditions
During Host-Port Interface Cycles(1) (see Figure 6-81 through Figure 6-82)
1.05 V and 1.2 V
NO.
PARAMETER
UNIT
MIN
MAX
6
td(HSTBL-HRDYH)
Delay time, HSTROBE low to HRDY high(2)
0
12
ns
7
td(HSTBL-HDLZ)
Delay time, HSTROBE low to HD low impedance for an HPI read
2
ns
8
td(HDV-HRDYL)
Delay time, HD valid to HRDY low
0
ns
9
toh(HSTBH-HDV)
Output hold time, HD valid after HSTROBE high
1.5
ns
15
td(HSTBH-HDHZ)
Delay time, HSTROBE high to HD high impedance
4
ns
16
td(HSTBL-HDV)
Delay time, HSTROBE low to HD valid (HPI16 mode, 2nd half-word only)
15
ns
20
td(HCSL-HRDYH)
Delay time, HCS low to HRDY high
0
12
ns
(1)
HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS.
(2)
This parameter is used during HPID reads and writes. For reads, at the beginning of the first half-word transfer (HPI16) on the falling
edge of HSTROBE, the HPI sends the request to the EDMA3 internal address generation hardware, and HRDY remains high until the
EDMA3 internal address generation hardware loads the requested data into HPID. For writes, HRDY goes high if the internal write buffer
is full.
228
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com