Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 121 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 117Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 118Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 119Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 120Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 121Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 122Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 123Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 124Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
6.7.3
ARM/DSP Communications Interrupts
The INTGEN register is used for generating interrupts between the ARM and DSP. The INTGEN register
format is shown in Figure 6-18. Table 6-24 describes the register bit fields. The ARM may generate an
interrupt to the DSP by setting one of the four INTDSP[3:0] bits or the INTNMI bit. The interrupt bit
automatically self clears and the corresponding DSP[3:0]STAT or NMISTAT bit is automatically set to
indicate that the interrupt was generated. After servicing the interrupt, the DSP clears the status bit by
writing ‘0’. The ARM may poll the status bit to determine when the DSP has completed servicing the
interrupt. The DSP may generate an interrupt to the ARM in the same manner using the INTARM[1:0] bits
and monitor ARM interrupt servicing via the ARM[1:0]STAT bits.
Figure 6-18. INTGEN Register
31
30
29
28
27
24
23
22
21
20
19
17
16
ARM1
ARM0
DSP3
DSP2
DSP1
DSP0
NMI
RESERVED
RESERVED
RESERVED
STAT
STAT
STAT
STAT
STAT
STAT
STAT
R-00
R/W-0
R/W-0
R-0000
R/W-0
R/W-0
R/W-0
R/W-0
R-000
R/W-0
15
14
13
12
11
8
7
6
5
4
3
1
0
INT
INT
INT
INT
INT
INT
INT
RESERVED
RESERVED
RESERVED
ARM1
ARM0
DSP3
DSP2
DSP1
DSP0
NM I
R-00
R/W-0
R/W-0
R-0000
R/W-0
R/W-0
R/W-0
R/W-0
R-000
R/W-0
LEGEND: R = Read, W = Write, n = value at reset
Table 6-24. INTGEN Register Bit Field Descriptions
Bit
Field
Value
Description
31 - 30
RESERVED
Reserved
29
ARM1STAT
DSP to ARM Int1 Status/Clear(1)
28
ARM0STAT
DSP to ARM Int0 Status/Clear(1)
27 - 24
RESERVED
Reserved
23
DSP3STAT
ARM to DSP Int3 Status/Clear(1)
22
DSP2STAT
ARM to DSP Int2 Status/Clear(1)
21
DSP1STAT
ARM to DSP Int1 Status/Clear(1)
20
DSP0STAT
ARM to DSP Int0 Status/Clear(1)
19 - 17
RESERVED
Reserved
16
NMISTAT
DSP NMI Status/Clear(1)
15 - 14
RESERVED
Reserved
13
INTARM1
DSP to ARM Int1 Set(2)
12
INTARM0
DSP to ARM Int0 Set(2)
11 - 8
RESERVED
Reserved
7
INTDSP3
ARM to DSP Int3 Set(2)
6
INTDSP2
ARM to DSP Int2 Set(2)
5
INTDSP1
ARM to DSP Int1 Set(2)
4
INTDSP0
ARM to DSP Int0 Set(2)
3 - 1
RESERVED
Reserved
0
INTNMI
DSP NMI Set(2)
(1)
Write '0' to clear. Writing '1' has no effect.
(2)
Write '1' to generate the interrupt. The register bit automatically clears to a value of '0'. Writing a '0' has no effect.
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
121
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com