Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 125 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 121Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 122Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 123Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 124Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 125Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 126Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 127Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 128Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
6.9
Enhanced Direct Memory Access (EDMA3) Controller
The EDMA3 controller handles all data transfers between memories and the device slave peripherals on
the DM6441 device. These data transfers include cache servicing, non-cacheable memory accesses,
user-programmed data transfers, and host accesses. These are summarized as follows:
•
Transfer to/from on-chip memories
–
Coprocessor shared memory
–
DSP L1D memory
–
DSP L2 memory
–
ARM program/data RAM
•
Transfer to/from external storage
–
DDR2 SDRAM
–
NAND flash
–
Asynchronous EMIF
–
Smart Media, SD/SDIO, Memory Stick/Memory Stick PRO, MMC, xD media storage
–
ATA/CF
•
Transfer to/from peripherals/hosts
–
VLYNQ
–
ASP
–
SPI
–
PWM
–
UART
The EDMA3 controller supports two addressing modes: constant addressing mode and increment
addressing mode. On the DM6441 device, constant addressing mode is not supported by any peripheral
or internal memory. For more information on these two addressing modes, see the TMS320DM644x
DMSoC Enhanced Direct Memory Access (EDMA3) Controller User's Guide (literature number
SPRUE23).
6.9.1
EDMA3 Channel Synchronization Events
The EDMA3 supports up to 64 EDMA3 channels which service peripheral devices and external memory.
Table 6-29 lists the source of EDMA3 synchronization events associated with each of the programmable
EDMA3 channels. For the DM6441 device, the association of an event to a channel is fixed; each of the
EDMA3 channels has one specific event associated with it. These specific events are captured in the
EDMA3 event registers (ER, ERH) even if the events are disabled by the EDMA3 event enable registers
(EER, EERH). For more detailed information on the EDMA3 module and how EDMA3 events are enabled,
captured, processed, linked, chained, and cleared, etc., see the TMS320DM644x DMSoC Enhanced
Direct Memory Access (EDMA3) Controller User's Guide (literature number SPRUE23).
Table 6-29. DM6441 EDMA3 Channel Synchronization Events(1)
EDMA3
EVENT NAME
EVENT DESCRIPTION
CHANNEL
0-1
Reserved
2
XEVT
ASP Transmit Event
3
REVT
ASP Receive Event
4
HISTEVT
VPSS Histogram Event
5
H3AEVT
VPSS H3A Event
6
PRVUEVT
VPSS Previewer Event
(1)
In addition to the events shown in this table, each of the 64 channels can also be synchronized with the transfer completion or alternate
transfer completion events. For more detailed information on EDMA3 event-transfer chaining, see the TMS320DM644x DMSoC
Enhanced Direct Memory Access (EDMA3) Controller User's Guide (literature number SPRUE23).
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
125
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com