Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 127 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 127 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 123Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 124Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 125Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 126Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 127Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 128Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 129Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 130Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
6.9.2
EDMA3 Peripheral Register Descriptions
Table 6-30 lists the EDMA3 registers, their corresponding acronyms, and DM6441 device memory
locations.
Table 6-30. DM6441 EDMA3 Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
Channel Controller Registers
0x01c0 0000 - 0x01c0 0003
Reserved
0x01c0 0004
CCCFG
EDMA3CC Configuration Register
0x01c0 0008 - 0x01c0 01FF
Reserved
Global Registers
0x01c0 0200
QCHMAP0
QDMA Channel 0 Mapping to PaRAM Register
0x01c0 0204
QCHMAP1
QDMA Channel 1 Mapping to PaRAM Register
0x01c0 0208
QCHMAP2
QDMA Channel 2 Mapping to PaRAM Register
0x01c0 020C
QCHMAP3
QDMA Channel 3 Mapping to PaRAM Register
0x01c0 0210
QCHMAP4
QDMA Channel 4 Mapping to PaRAM Register
0x01c0 0214
QCHMAP5
QDMA Channel 5 Mapping to PaRAM Register
0x01c0 0218
QCHMAP6
QDMA Channel 6 Mapping to PaRAM Register
0x01c0 021C
QCHMAP7
QDMA Channel 7 Mapping to PaRAM Register
0x01c0 0240
DMAQNUM0
DMA Queue Number Register 0 (Channels 00 to 07)
0x01c0 0244
DMAQNUM1
DMA Queue Number Register 1 (Channels 08 to 15)
0x01c0 0248
DMAQNUM2
DMA Queue Number Register 2 (Channels 16 to 23)
0x01c0 024C
DMAQNUM3
DMA Queue Number Register 3 (Channels 24 to 31)
0x01c0 0250
DMAQNUM4
DMA Queue Number Register 4 (Channels 32 to 39)
0x01c0 0254
DMAQNUM5
DMA Queue Number Register 5 (Channels 40 to 47)
0x01c0 0258
DMAQNUM6
DMA Queue Number Register 6 (Channels 48 to 55)
0x01c0 025C
DMAQNUM7
DMA Queue Number Register 7 (Channels 56 to 63)
0x01c0 0260
QDMAQNUM
CC QDMA Queue Number
0x01c0 0264 - 0x01c0 0283
–
Reserved
0x01c0 0284
QUEPRI
Queue Priority Register
0x01c0 0288 - 0x01c0 02FF
–
Reserved
0x01c0 0300
EMR
Event Missed Register
0x01c0 0304
EMRH
Event Missed Register High
0x01c0 0308
EMCR
Event Missed Clear Register
0x01c0 030C
EMCRH
Event Missed Clear Register High
0x01c0 0310
QEMR
QDMA Event Missed Register
0x01c0 0314
QEMCR
QDMA Event Missed Clear Register
0x01c0 0318
CCERR
EDMA3CC Error Register
0x01c0 031C
CCERRCLR
EDMA3CC Error Clear Register
0x01c0 0320
EEVAL
Error Evaluate Register
0x01c0 0340
DRAE0
DMA Region Access Enable Register for Region 0
0x01c0 0344
DRAEH0
DMA Region Access Enable Register High for Region 0
0x01c0 0348
DRAE1
DMA Region Access Enable Register for Region 1
0x01c0 034C
DRAEH1
DMA Region Access Enable Register High for Region 1
0x01c0 0350
DRAE2
DMA Region Access Enable Register for Region 2
0x01c0 0354
DRAEH2
DMA Region Access Enable Register High for Region 2
0x01c0 0358
DRAE3
DMA Region Access Enable Register for Region 3
0x01c0 035C
DRAEH3
DMA Region Access Enable Register High for Region 3
0x01c0 0360 - 0x01c0 037C
–
Reserved
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
127
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com