Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 138 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 138 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 134Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 135Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 136Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 137Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 138Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 139Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 140Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 141Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
Table 6-33. EMIFA/NAND Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01E0 0000 - 0x01E0 0003
Reserved
0x01E0 0004
AWCCR
Asynchronous Wait Cycle Configuration Register
0x01E0 0008 - 0x01E0 000F
Reserved
0x01E0 0010
A1CR
Asynchronous 1 Configuration Register (CS2 Space)
0x01E0 0014
A2CR
Asynchronous 2 Configuration Register (CS3 Space)
0x01E0 0018
A3CR
Asynchronous 3 Configuration Register (CS4 Space)
0x01E0 001C
A4CR
Asynchronous 4 Configuration Register (CS5 Space)
0x01E0 0020 - 0x01E0 003F
-
Reserved
0x01E0 0040
EIRR
EMIF Interrupt Raw Register
0x01E0 0044
EIMR
EMIF Interrupt Mask Register
0x01E0 0048
EIMSR
EMIF Interrupt Mask Set Register
0x01E0 004C
EIMCR
EMIF Interrupt Mask Clear Register
0x01E0 0050 - 0x01E0 005F
-
Reserved
0x01E0 0060
NANDFCR
NAND Flash Control Register
0x01E0 0064
NANDFSR
NAND Flash Status Register
0x01E0 0070
NANDF1ECC
NAND Flash 1 ECC Register (CS2 Space)
0x01E0 0074
NANDF2ECC
NAND Flash 2 ECC Register (CS3 Space)
0x01E0 0078
NANDF3ECC
NAND Flash 3 ECC Register (CS4 Space)
0x01E0 007C
NANDF4ECC
NAND Flash 4 ECC Register (CS5 Space)
0x01E0 0080 - 0x01E0 0FFF
-
Reserved
138
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com