Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 139 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 139 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 135Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 136Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 137Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 138Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 139Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 140Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 141Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 142Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
6.10.1.2
EMIFA Electrical Data/Timing
Table 6-34. Timing Requirements for Asynchronous Memory Cycles for EMIFA Module(1)
(see Figure 6-21 and Figure 6-22)
1.05 V and 1.2 V
NO.
UNIT
MIN
MAX
READS and WRITES
2
tw(EM_WAIT)
Pulse duration, EM_WAIT assertion and deassertion
2E
ns
READS
12
tsu(EMDV-EMOEH)
Setup time, EM_D[15:0] valid before EM_OE high
10.5
ns
13
th(EMOEH-EMDIV)
Hold time, EM_D[15:0] valid after EM_OE high
0
ns
14
tsu (EMWAIT-EMOEH)
Setup time, EM_WAIT asserted before EM_OE high(2)
4E + 10.4
ns
WRITES
28
t su(EMWAIT-EMWEH)
Setup time, EM_WAIT asserted before EM_WE high(2)
4E + 10.4
ns
(1)
E = SYSCLK5 period in ns for EMIFA. For example, when running the DSP CPU at 405 MHz, use E = 14.8 ns.
(2)
Setup before end of STROBE phase (if no extended wait states are inserted) by which EM_WAIT must be asserted to add extended
wait states. Figure 6-23 and Figure 6-24 describe EMIF transactions that include extended wait states inserted during the STROBE
phase. However, cycles inserted as part of this extended wait period should not be counted; the 4E requirement is to the start of where
the HOLD phase would begin if there were no extended wait cycles.
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
139
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com