Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 143 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 143 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 139Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 140Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 141Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 142Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 143Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 144Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 145Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 146Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 236 page
background image
EM_CS[5:2]
25
Asserted
Deasserted
2
2
EM_BA[1:0]
EM_A[21:0]
EM_D[15:0]
EM_WE
EM_WAIT
SETUP
STROBE
Extended Due to EM_WAIT
STROBE
HOLD
28
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Figure 6-24. EM_WAIT Write Timing Requirements
6.10.2 DDR2 Memory Controller
The DDR2 Memory Controller is a dedicated interface to DDR2 SDRAM. It supports JESD79D-2A
standard compliant DDR2 SDRAM Devices and can interface to either 16-bit or 32-bit DDR2 SDRAM
devices. For details on the DDR2 Memory Controller, see the TMS320DM644x DMSoC Peripherals
Overview Reference Guide (literature number SPRUE19) and the TMS320DM644x DMSoC DDR2
Memory Controller User's Guide (literature number SPRUE22).
DDR2 SDRAM plays a key role in a DM6441-based system. Such a system is expected to require a
significant amount of high-speed external memory for:
•
Buffering of input image data from sensors or video sources
•
Intermediate buffering for processing/resizing of image data in the VPFE
•
Numerous OSD display buffers
•
Intermediate buffering for large raw Bayer data image files while performing image processing
functions
•
Buffering for intermediate data while performing video encode and decode functions
•
Storage of executable code for both the ARM and DSP
A memory map of the DDR2 memory controller registers is shown in Table 6-36.
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
143
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com