Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 144 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 144 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 140Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 141Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 142Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 143Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 144Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 145Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 146Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 147Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 236 page
background image
DDR_CLK0
1
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
Table 6-36. DDR2 Memory Controller Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01C4 004C
DDRVTPER
DDR2 VTP Enable Register
0x01C4 2030
DDRVTPR
DDR2 VTP Register
0x2000 0000 - 0x2000 0003
-
Reserved
0x2000 0004
SDRSTAT
SDRAM Status Register
0x2000 0008
SDBCR
SDRAM Bank Configuration Register
0x2000 000C
SDRCR
SDRAM Refresh Control Register
0x2000 0010
SDTIMR
SDRAM Timing Register
0x2000 0014
SDTIMR2
SDRAM Timing Register 2
0x2000 0020
PBBPR
Peripheral Bus Burst Priority Register
0x2000 0024 - 0x2000 00BF
-
Reserved
0x2000 00C0
IRR
Interrupt Raw Register
0x2000 00C4
IMR
Interrupt Masked Register
0x2000 00C8
IMSR
Interrupt Mask Set Register
0x2000 00CC
IMCR
Interrupt Mask Clear Register
0x2000 00D0 - 0x2000 00E3
-
Reserved
0x2000 00E4
DDRPHYCR
DDR PHY Control Register
0x2000 00E8 - 0x2000 00EF
-
Reserved
0x2000 00F0
VTPIOCR
VTP IO Control Register
0x2000 00F4 - 0x2000 7FFF
-
Reserved
6.10.2.1 DDR2 Memory Controller Electrical Data/Timing
The Implementing DDR2 PCB Layout on the TMS320DM644x DSP application report (literature number
SPRAAC5) specifies a complete DDR2 interface solution for the DM6441 as well as a list of compatible
DDR2 devices. TI has performed the simulation and system characterization to ensure all DDR2 interface
timings in this solution are met.
TI only supports board designs that follow the guidelines outlined in the Implementing DDR2 PCB Layout
on the TMS320DM644x DSP application report (literature number SPRAAC5).
Table 6-37. Switching Characteristics Over Recommended Operating Conditions for
DDR2 Memory Controller(1) (2)(see Figure 6-25)
1.05 V
1.2 V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
1
tc(DDR_CLK0)
Cycle time, DDR_CLK0
7.4
8
6
8
ns
(1)
DDR_CLK0 cycle time = 2 x PLL2 - SYSCLK2 cycle time.
(2)
The PLL2 Controller must be programmed such that the resulting DDR_CLK0 clock frequency is within the specified range.
Figure 6-25. DDR2 Memory Controller Clock Timing
144
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com