Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 148 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 148 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 144Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 145Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 146Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 147Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 148Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 149Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 150Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 151Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
6.11.2.2 ATA/CF Multiword DMA Timing
Table 6-40. Timings for ATA/CF Module — Multiword DMA AC Timing(1) (2) (see Figure 6-27)
1.05 V and 1.2 V
NO.
MODE
UNIT
MIN
MAX
1
t0
Cycle time
0-2
(DMASTB + DMARCVR + 2)P - 0.5
ns
2
tD
DIOW/DIOR active low pulse duration
0-2
(DMASTB + 1)P - 1
ns
0
150
ns
DIOR data access, DIOR falling edge to DD[15:0]
3
tE
1
60
ns
valid
2
50
ns
DIOR data hold time, DD[15:0] valid after DIOR
4
tF
0-2
5
ns
rising edge
DIOW/DIOR data setup time, DD[15:0] (OUT) valid
0-2
(DMASTB)P
ns
before DIOW/DIOR rising edge
0
100
ns
5
tG
DIOW/DIOR data setup time, DD[15:0] (IN) valid
1
30
ns
before DIOW/DIOR rising edge
2
20
ns
DIOW data hold time, DD[15:0] valid after DIOW
6
tH
0-2
(HWNHLD + 1)P + 1
ns
rising edge
7
tI
DMACK to DIOW/DIOR setup
0-2
(DMARCVR + 1)P - 1.7
ns
8
tJ
DIOW/DIOR to DMACK hold
0-2
5P - 5.9
ns
9
tKR
DIOR negated pulse width
0-2
(DMARCVR + 1)P - 1
ns
10
tKW
DIOW negated pulse width
0-2
(DMARCVR + 1)P - 1
ns
0
120
ns
11
tLR
DIOR to DMARQ delay
1
45
ns
2
35
ns
0-1
40
ns
12
tLW
DIOW to DMARQ delay
2
35
ns
13
tM
ATA_CSx valid to DIOW/DIOR setup
0-2
(DATRCVR)P - 1.7
ns
14
tN
ATA_CSx valid after DIOW/DIOR rising edge hold
0-2
5P - 1.7
ns
0
20
ns
15
tZ
DMACK to read data (DD[15:0]) released
1-2
25
ns
(1)
P = SYSCLK5 period, in ns, for ATA. For example, when running the DSP CPU at 405 MHz, use P = 14.8 ns.
(2)
DMASTB equals the value programmed in the DMASTBxP bit field in the DMASTB register. DMARCVR equals the value programmed
in the DMARCVRxP bit field in the DMARCVR register. HWNHLD equals the value programmed in the HWNHLDxP bit field in the
MISCCTL register. For more detailed information, see the TMS320DM644x DMSoC ATA Controller User's Guide (literature number
SPRUE21).
148
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com