Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 145 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 145 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 141Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 142Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 143Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 144Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 145Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 146Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 147Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 148Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
6.11
ATA/CF
The ATA/CF peripheral supports the following features:
•
PIO, multiword DMA, and Ultra ATA 33/66
•
Up to mode four timings on PIO mode
•
Up to mode two timings on multiword DMA
•
Up to mode four timings on Ultra ATA
•
Programmable timing parameters
•
Supports TrueIDE mode for Compact Flash
In addition, the host IDE controller supports multiword DMA transfers between external IDE/ATAPI devices
and a system memory bus interface.
6.11.1 ATA/CF Peripheral Register Description(s)
The ATA registers are shown in Table 6-38.
Table 6-38. ATA Register Memory Map
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
ATA Bus Master Interface DMA Engine Registers
0x01C6 6000
BMICP
Primary IDE Channel DMA Control Register
0x01C6 6002
BMISP
Primary IDE Channel DMA Status Register
0x01C6 6004
BMIDTP
Primary IDE Channel DMA Descriptor Table Pointer Register
0x01C6 6008
-
0x01C6 600A
-
Reserved
0x01C6 600C
-
ATA Configuration Registers
0x01C6 6040
IDETIMP
Primary IDE Channel Timing Register
0x01C6 6042
-
0x01C6 6044
-
Reserved
0x01C6 6045
-
0x01C6 6047
IDESTAT
IDE Controller Status Register
0x01C6 6048
UDMACTL
Ultra-DMA Control Register
0x01C6 604A
-
Reserved
0x01C6 6050
MISCCTL
Miscellaneous Control Register
0x01C6 6054
REGSTB
Task File Register Strobe Timing Register
0x01C6 6058
REGRCVR
Task File Register Recovery Timing Register
0x01C6 605C
DATSTB
Data Register Access PIO Strobe Timing Register
0x01C6 6060
DATRCVR
Data Register Access PIO Recovery Timing Register
0x01C6 6064
DMASTB
Multiword DMA Strobe Timing Register
0x01C6 6068
DMARCVR
Multiword DMA Recovery Timing Register
0x01C6 606C
UDMASTB
Ultra-DMA Strobe Timing Register
0x01C6 6070
UDMATRP
Ultra-DMA Ready-to-Pause Timing Register
0x01C6 6074
UDMATENV
Ultra-DMA Timing Envelope Register
0x01C6 6078
IORDYTMP
Primary IO Ready Timer Configuration Register
0x01C6 607C - 0x01C6 67FF
-
Reserved
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
145
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com