Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 146 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 146 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 142Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 143Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 144Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 145Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 146Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 147Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 148Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 149Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
6.11.2 ATA/CF Electrical Data/Timing
All ATA/CF AC timing data described in Table 6-39 – Figure 6-26 is provided at the DM6441 device
pins. For more details, see Section 6.1, Parameter Information.
The AC timing specifications described in Table 6-39 – Figure 6-26 assume correct configuration of
the ATA/CF memory-mapped control registers for the selected ATA/CF frequency of operation.
6.11.2.1 ATA/CF PIO Data Transfer AC Timing
Table 6-39. Timings for ATA/CF Module — PIO Data Transfer(1) (2) (see Figure 6-26)
1.05 V and 1.2 V
NO.
MODE
UNIT
MIN
MAX
1
t0
Cycle time
0-4(3)
(DATSTB + DATRCVR + 2)P - 0.5
ns
2
t1
Address valid to DIOW/ DIOR setup
0-4(3)
12P - 1.6
ns
3
t2
DIOW/ DIOR pulse duration low
0-4(3)
(DATSTB + 1)P - 1
ns
0-2
–
ns
4
t2i
DIOW/DIOR recovery time, pulse duration high
3-4(3)
(DATRCVR + 1)P - 1
ns
DIOW data setup time, DD[15:0] valid before
5
t3
0-4(3)
(DATSTB + 1)P
ns
DIOW rising edge
DIOW data hold time, DD[15:0] valid after DIOW
6
t4
0-4(3)
(HWNHLD + 1)P + 1
ns
rising edge
0
50
ns
DIOR data setup time, DD[15:0] valid before DIOR
7
t5
1
35
ns
rising edge
2-4(3)
20
ns
DIOR data hold time, DD[15:0] valid after DIOR
8
t6
0-4(3)
5
ns
rising edge
Output data 3-state, DD[15:0] 3-state after DIOR
9
t6Z
0-4(3)
30
ns
rising edge
10
t9
DIOW/DIOR to address valid hold
0-4(3)
(HWNHLD + 1)P - 2.1
ns
Read data setup time, DD[15:0] valid before
11
tRD
0-4(3)
0
ns
IORDY active
12
tA
IORDY setup
0-4(3) (4)
35
ns
13
tB
IORDY pulse width
0-4(3)
1250
ns
14
tC
IORDY assertion to release
0-4(3)
5
ns
(1)
P = SYSCLK5 period, in ns, for ATA. For example, when running the DSP CPU at 405 MHz, use P = 14.8 ns.
(2)
DATSTB equals the value programmed in the DATSTBxP bit field in the DATSTB register. DATRCVR equals the value programmed in
the DATRCVRxP bit field in the DATRCVR register. HWNHLD equals the value programmed in the HWNHLDxP bit field in the
MISCCTL register. For more detailed information, see the TMS320DM644x DMSoC ATA Controller User's Guide (literature number
SPRUE21).
(3)
The sustained throughput for PIO modes 3 and 4 is limited to the throughput equivalent of PIO mode 2. For more detailed information,
see the TMS320DM644x DMSoC ATA Controller User's Guide (literature number SPRUE21).
(4)
The tA parameter must be met only when the IORDY timer is enabled to allow a device to insert wait states during a transaction. In order
to meet the tA parameter, a minimum frequency for SYSCLK5 is specified for each PIO as follows:
•
PIO mode 0, MIN frequency = 15 MHz
•
PIO mode 1, MIN frequency = 22 MHz
•
PIO mode 2, MIN frequency = 31 MHz
•
PIO mode 3, MIN frequency = 45 MHz
•
PIO mode 4, MIN frequency = 57 MHz
146
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com