Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 150 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 150 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 146Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 147Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 148Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 149Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 150Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 151Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 152Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 153Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
6.11.2.3 ATA/CF Ultra DMA Timing
Table 6-41. Timings for ATA/CF Module — Ultra DMA AC Timing(1) (2)
(see Figure 6-28 through Figure 6-37)
1.05 V and 1.2 V
NO.
MODE
UNIT
MIN
MAX
28
f(SYSCLK5)
Operating frequency, SYSCLK5
0-4
25
MHz
0
240
ns
1
160
ns
1
t2CYCTYP
Typical sustained average two cycle time
2
120
ns
3
90
ns
4
60
ns
2
tCYC
Cycle time, Strobe edge to Strobe edge
0-4
(UDMASTB + 1)P
ns
Two cycle time, rising to rising edge or falling to
3
t2CYC
0-4
2(UDMASTB + 1)P
ns
falling edge
0
15
ns
1
10
ns
4
tDS
Data setup, data valid before STROBE edge
2-3
7
ns
4
5
ns
5
tDH
Data hold, data valid after STROBE edge
0-4
5
ns
0
70
ns
1
48
ns
Data valid INPUT setup time, data valid before
2
31
ns
STROBE
6
tDVS
3
20
ns
4
6.7
ns
Data valid OUTPUT setup time, data valid before
0-4
(UDMASTB)P - 3.5
ns
STROBE
Data valid INPUT hold time, data valid after
0-4
6.2
ns
STROBE
7
tDVH
Data valid OUTPUT hold time, data valid after
0-4
1P - 2
ns
STROBE
CRC word valid setup time at host, CRC valid
10
tCVS
0-4
(UDMASTB)P
ns
before DMACK negation
CRC word valid hold time at sender, CRC valid
11
tCVH
0-4
2P
ns
after DMACK negation
Time from STROBE output released-to-driving
12
tZFS
0-4
0
ns
until the first transition of critical timing
0
70
ns
1
48
ns
Time from data output released-to-driving until
13
tDZFS
2
31
ns
the first transition of critical timing
3
20
ns
4
6.7
ns
0
230
ns
1
200
ns
14
tFS
First STROBE time
2
170
ns
3
130
ns
4
120
ns
15
tLI
Limited interlock time
0-4
0
150
ns
(1)
P = SYSCLK5 period, in ns, for ATA. For example, when running the DSP CPU at 405 MHz, use P = 14.8 ns.
(2)
UDMASTB equals the value programmed in the UDMSTBxP bit field in the UDMASTB register. UDMATRP equals the value
programmed in the UDMTRPxP bit field in the UDMATRP register. TENV equals the value programmed in the UDMATNVxP bit field in
the UDMATENV register. For more detailed information, see the TMS320DM644x DMSoC ATA Controller User's Guide (literature
number SPRUE21).
150
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com