Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 150 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 150 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 146Page - Texas Instruments TNETV2501INPGF Datasheet HTML 147Page - Texas Instruments TNETV2501INPGF Datasheet HTML 148Page - Texas Instruments TNETV2501INPGF Datasheet HTML 149Page - Texas Instruments TNETV2501INPGF Datasheet HTML 150Page - Texas Instruments TNETV2501INPGF Datasheet HTML 151Page - Texas Instruments TNETV2501INPGF Datasheet HTML 152Page - Texas Instruments TNETV2501INPGF Datasheet HTML 153Page - Texas Instruments TNETV2501INPGF Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 197 page
background image
Electrical Specifications
150
December 2002 − Revised November 2008
SPRS206K
5.7.2 Programmable Synchronous Interface Timings
Table 5−11 and Table 5−12 assume testing over recommended operating conditions (see Figure 5−10
through Figure 5−12).
Table 5−11. Programmable Synchronous Interface Timing Requirements
NO.
MIN
MAX
UNIT
PS6
tsu(EDV-EKOxH)
Setup time, read EMIF.Dx valid before ECLKOUTx high
2
ns
PS7
th(EKOxH-EDV)
Hold time, read EMIF.Dx valid after ECLKOUTx high
1.5
ns
Table 5−12. Programmable Synchronous Interface Switching Characteristics†
NO.
PARAMETER
MIN
MAX
UNIT
PS1
td(EKOxH-CEV)
Delay time, ECLKOUTx high to EMIF.CEx valid
0.8
7
ns
PS2
td(EKOxH-BEV)
Delay time, ECLKOUTx high to EMIF.BEx valid
7
ns
PS3
td(EKOxH-BEIV)
Delay time, ECLKOUTx high to EMIF.BEx invalid
0.8
ns
PS4
td(EKOxH-EAV)
Delay time, ECLKOUTx high to EMIF.Ax valid
7
ns
PS5
td(EKOxH-EAIV)
Delay time, ECLKOUTx high to EMIF.Ax invalid
0.8
ns
PS8
td(EKOxH-ADSV)
Delay time, ECLKOUTx high to EMIF.SADS/SRE valid
0.8
7
ns
PS9
td(EKOxH-OEV)
Delay time, ECLKOUTx high to, EMIF.SOE valid
0.8
7
ns
PS10
td(EKOxH-EDV)
Delay time, ECLKOUTx high to EMIF.Dx valid
7
ns
PS11
td(EKOxH-EDIV)
Delay time, ECLKOUTx high to EMIF.Dx invalid
0.8
ns
PS12
td(EKOxH-WEV)
Delay time, ECLKOUTx high to EMIF.SWE valid
0.8
7
ns
† The following parameters are programmable via the EMIF CE Secondary Control Registers (CEx_SC1, CEx_SC2):
− Read latency (SYNCRL): 0-, 1-, 2-, or 3-cycle read latency
− Write latency (SYNCWL): 0-, 1-, 2-, or 3-cycle write latency
− EMIF.CEx assertion length (CEEXT): For standard SBSRAM or ZBT SRAM interface, EMIF.CEx goes inactive after the final command has
been issued (CEEXT = 0). For synchronous FIFO interface with glue, EMIF.CEx is active when EMIF.SOE is active (CEEXT = 1).
− Function of EMIF.SADS/SRE (RENEN): For standard SBSRAM or ZBT SRAM interface, EMIF.SADS/SRE acts as EMIF.SADS with deselect
cycles (RENEN = 0). For FIFO interface, EMIF.SADS/SRE acts as EMIF.SRE with NO deselect cycles (RENEN = 1).
− Synchronization clock (SNCCLK): Synchronized to ECLKOUT1 or ECLKOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com