Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 80 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 76Page - Texas Instruments TNETV2501INPGF Datasheet HTML 77Page - Texas Instruments TNETV2501INPGF Datasheet HTML 78Page - Texas Instruments TNETV2501INPGF Datasheet HTML 79Page - Texas Instruments TNETV2501INPGF Datasheet HTML 80Page - Texas Instruments TNETV2501INPGF Datasheet HTML 81Page - Texas Instruments TNETV2501INPGF Datasheet HTML 82Page - Texas Instruments TNETV2501INPGF Datasheet HTML 83Page - Texas Instruments TNETV2501INPGF Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 197 page
background image
Functional Overview
80
December 2002 − Revised November 2008
SPRS206K
3.10.3
Module Behavior at Entering IDLE State
All transactions must be completed before entering the IDLE state. Table 3−24 lists the behavior of each
module before entering the IDLE state.
Table 3−24. Peripheral Behavior at Entering IDLE State
CLOCK DOMAIN
MODULES
MODULE BEHAVIOR AT ENTERING IDLE STATE
(ASSUMING THE IDLE CONTROL IS SET)
CPU
Enter IDLE after CPU stops pipeline.
CPU
Interrupt Controller
Enter IDLE after CPU stops.
CPU
IDLE Controller
Enter IDLE after CPU stops.
PLL Controller
Enter IDLE after CPU stops.
Master Port
DMA
Enter IDLE state after current DMA transfer to internal memory, EMIF, or
peripheral, or enter IDLE state immediately if no transfer exists.
DMA has function of Auto-wakeup/Idle with McBSP data transfer during
IDLE.
HPI
Enter IDLE state immediately. Software has to take care of HPI activity.
ICACHE
ICACHE
Enter IDLE state after current data transfer from EMIF or program fetch from
CPU finishes, or enter IDLE state immediately if no transfer and no access
exist.
External Bus Selection Register
Enter IDLE after CPU stops.
Timer Signal Selection Register
Enter IDLE after CPU stops.
CLKOUT Selection Register
Enter IDLE after CPU stops.
External Bus Control Register
Enter IDLE after CPU stops.
Clock Mode Control Register
Enter IDLE after CPU stops.
Timer0/1 and WDT
Enter IDLE state immediately
DSP/BIOS Timer
Enter IDLE state immediately
Peripheral
McBSP0/1
External Clock and Frame:
Enter IDLE state after current McBSP activity is finished or enter IDLE state
immediately if no activity exists. McBSP has function of Auto-wakeup/Idle
with DMA transfer during IDLE.
Internal Clock and Frame:
Enter IDLE state immediately if both transmitter and receiver are in reset
(XRST = 0 and RRST = 0). IDLE state not entered otherwise.
GPIO
Enter IDLE state immediately.
I2C
Enter IDLE state after current I2C activity is finished or enter IDLE state
immediately if no activity exists.
UART
Enter IDLE state after current UART activity is finished or enter IDLE state
immediately if no activity exists.
Parallel GPIO
Enter IDLE state immediately.
PLL divider
Enter IDLE state immediately.
Clock Generator
PLL core
Power-down state if set by software before IDLE
Clock Generator
Oscillator
Power-down state if set by software before IDLE
EMIF
EMIF
Enter IDLE mode after current DMA transfer or enter IDLE mode
immediately if no activity exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com