Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 51 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 47Page - Texas Instruments TNETV2501INPGF Datasheet HTML 48Page - Texas Instruments TNETV2501INPGF Datasheet HTML 49Page - Texas Instruments TNETV2501INPGF Datasheet HTML 50Page - Texas Instruments TNETV2501INPGF Datasheet HTML 51Page - Texas Instruments TNETV2501INPGF Datasheet HTML 52Page - Texas Instruments TNETV2501INPGF Datasheet HTML 53Page - Texas Instruments TNETV2501INPGF Datasheet HTML 54Page - Texas Instruments TNETV2501INPGF Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 197 page
background image
Functional Overview
51
December 2002 − Revised November 2008
SPRS206K
3.4.1 Timer Interrupts
As stated earlier, each timer has one input, one output, and one interrupt signal: TIN, TOUT, and TINT,
respectively. The interrupt signals of Timer 0 and Timer 1 are directly connected to the interrupt logic of the
DSP (see Figure 3−6). The interrupts for Timer 0 and Timer 1 are maskable and can be enabled or disabled
through the TINT0 and TINT1 bits of the interrupt enable registers (IER0 and IER1); setting TINT0 of IER0
to ‘1’ enables the interrupt for Timer 0 and setting TINT1 of IER1 enables the interrupt for Timer 1.
10
Others
IWCON
RESET
INT3
NMI
TINT1
TINT0
TINT
10
11
01
RESET
INT3
NMI/WDTOUT
Timer0
TINT
Timer1
TINT
Watchdog
Timer
TMS320VC5501 DSP
Interrupt Logic
Figure 3−6. Timer Interrupts
The interrupt signal for the Watchdog Timer can be internally connected to the RESET, INT3, or NMI signals
by setting the IWCON bit of the Timer Signal Selection Register (TSSR) appropriately (see Figure 3−6). The
DSP will be reset once the Watchdog Timer generates an interrupt if the timer interrupt is connected to RESET
(IWCON = ‘01’). A non-maskable interrupt will be generated if the timer interrupt is connected to NMI (IWCON
= ‘10’). An external interrupt will be generated when the timer interrupt signal is connected to INT3 (IWCON
= ‘11’), but only if the INT3 bit of IER0 is set to ‘1’.
Refer to Section 3.16, Interrupts, for more information on using interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com