Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 65 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 61Page - Texas Instruments TNETV2501INPGF Datasheet HTML 62Page - Texas Instruments TNETV2501INPGF Datasheet HTML 63Page - Texas Instruments TNETV2501INPGF Datasheet HTML 64Page - Texas Instruments TNETV2501INPGF Datasheet HTML 65Page - Texas Instruments TNETV2501INPGF Datasheet HTML 66Page - Texas Instruments TNETV2501INPGF Datasheet HTML 67Page - Texas Instruments TNETV2501INPGF Datasheet HTML 68Page - Texas Instruments TNETV2501INPGF Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 197 page
background image
Functional Overview
65
December 2002 − Revised November 2008
SPRS206K
3.9.4.1
C55x Subsystem Clock Group
Changes to the PLL Control Register (PLLCSR), the PLL Divider0 Register (PLLDIV0), and the PLL Multiplier
Register (PLLM) affect the clock of this clock group. The following procedure must be followed to change or
to set the PLL to a specific value:
1.
Switch to bypass mode by setting the PLLEN bit to 0.
2.
Set the PLL to its reset state by setting the PLLRST bit to 1.
3.
Change the PLL setting through the PLLM and PLLDIV0 bits.
4.
Wait for 1
µs.
5.
Release the PLL from its reset state by setting PLLRST to 0.
6.
Wait for the PLL to relock by polling the LOCK bit or by setting up a LOCK interrupt.
7.
Switch back to PLL mode by setting the PLLEN bit to 1.
The frequency of the C55x Subsystem Clock Group can be up to 300 MHz.
3.9.4.2
Fast Peripherals Clock Group
Changes to the clock of the C55x Subsystem Clock Group affect the clock of the Fast Peripherals Clock Group.
The PLLDIV1 value of the PLL Divider1 Register (PLLDIV1) should not be set in a manner that makes the
frequency for this clock group greater than 150 MHz. There must be no activity in the modules included in the
Fast Peripherals Clock Group when the value of PLLDIV1 is being changed. It is recommended that the fast
peripheral modules be put in IDLE mode before changing the PLLDIV1 value.
3.9.4.3
Slow Peripherals Clock Group
Changes to the clock of the C55x Subsystem Clock Group affect the clock of the Slow Peripherals Clock
Group. The PLLDIV2 value of the PLL Divider2 Register (PLLDIV2) should not be set in a manner that makes
the frequency for this clock group greater than 150 MHz or greater than the frequency of the Fast Peripherals
Clock Group. There must be no activity in the modules included in the Slow Peripherals Clock Group when
the value of PLLDIV2 is being changed. It is recommended that the slow peripheral modules be put in IDLE
mode before changing the PLLDIV2 value.
3.9.4.4
External Memory Interface Clock Group
Changes to the clock of the C55x Subsystem Clock Group affect the clock of the External Memory Interface
Clock Group. The PLLDIV3 value of the PLL Divider3 Register (PLLDIV3) should not be set in a manner that
makes the frequency for this clock group greater than 100 MHz or greater than the frequency of the Fast
Peripherals Clock Group, whichever is smaller. If an external clock is used, the clock on the ECLKIN pin can
be up to 100 MHz and the output of divider 3 can be set equal to or lower than the frequency of the Fast
Peripherals Clock Group. There must be no external memory accesses when the value of PLLDIV3 is being
changed, this means that the value of PLLDIV3 cannot be changed by a program that is being executed from
external memory. It is recommended that the EMIF be put in IDLE mode before changing the PLLDIV3 value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com