Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 57 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 53Page - Texas Instruments TNETV2501INPGF Datasheet HTML 54Page - Texas Instruments TNETV2501INPGF Datasheet HTML 55Page - Texas Instruments TNETV2501INPGF Datasheet HTML 56Page - Texas Instruments TNETV2501INPGF Datasheet HTML 57Page - Texas Instruments TNETV2501INPGF Datasheet HTML 58Page - Texas Instruments TNETV2501INPGF Datasheet HTML 59Page - Texas Instruments TNETV2501INPGF Datasheet HTML 60Page - Texas Instruments TNETV2501INPGF Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 197 page
background image
Functional Overview
57
December 2002 − Revised November 2008
SPRS206K
3.7
Host-Port Interface (HPI)
The 5501 HPI provides an 8-bit parallel interface (multiplexed mode) to a host with the following features:
Host access to on-chip DARAM (excluding CPU memory-mapped registers)
16-bit address register with autoincrement capability for faster transfers
Multiple address/data strobes provide a glueless interface to a variety of hosts
HRDY signal for handshaking with host
The 5501 HPI can access the entire DARAM space of the 5501 (excluding memory-mapped CPU registers);
however, it does not have access to external memory of the peripheral I/O space. Furthermore, the HPI cannot
access internal DARAM space when the device is in reset. Note that all accesses made through the HPI are
word-addressed.
NOTE: No host access should occur when the HPI is placed in IDLE. The host cannot wake
up the DSP through the DSP_INT bit of the HPIC register when the DSP is in IDLE mode.
The 5501 HPI only supports data transfers in multiplexed 8-bit mode. In multiplexed mode, the host can only
send 8 bits of data at a time through the HD[7:0] bus; therefore, some extra steps have to be taken to read/write
from the 5501’s internal memory [see the TMS320VC5501/5502 DSP Host Port Interface (HPI) Reference
Guide (literature number SPRU620) for more information on the 5501 HPI].
The 5501 HPI has its own register set, therefore the HINT bit of CPU register ST3_55 is not used for
DSP-to-host interrrupts. The HINT bit in the Host Port Control Register (HPIC) should be used for DSP-to-host
interrupts.
A host must not initiate any transfer requests from the HPI while the HPI is being brought out of reset. As
described in Section 3.9.6, Reset Sequence, the C55x CPU and the peripherals are not brought out of reset
immediately after the RESET pin transitions from low to high. Instead, an internal counter stretches the reset
signal to allow enough time for the internal oscillator to stabilize and also to allow the reset signal to propagate
through different parts of the device. The IACK pin will go low for two CPU clock cycles to indicate that this
internal reset signal has been deasserted. A host must follow one of these two requirements before initiating
transfer requests from the HPI:
1.
Keep the HPIENA pin low until the internal reset signal has been deasserted.
2.
Keep the HCS, HDS1, and HDS2 pins inactive until the internal reset signal has been deasserted.
Note that when the HPI bootmode is used, the GPIO4 pin can also be used to determine when the internal
reset signal has been deasserted as this pin is used by the HPI to signal to the host that it is ready to receive
access requests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com