Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 18 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 14Page - Texas Instruments TNETV2501INPGF Datasheet HTML 15Page - Texas Instruments TNETV2501INPGF Datasheet HTML 16Page - Texas Instruments TNETV2501INPGF Datasheet HTML 17Page - Texas Instruments TNETV2501INPGF Datasheet HTML 18Page - Texas Instruments TNETV2501INPGF Datasheet HTML 19Page - Texas Instruments TNETV2501INPGF Datasheet HTML 20Page - Texas Instruments TNETV2501INPGF Datasheet HTML 21Page - Texas Instruments TNETV2501INPGF Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 197 page
background image
Introduction
18
December 2002 − Revised November 2008
SPRS206K
Table 2−2. 201-Terminal GZZ and ZZZ Ball Grid Array
Ball Assignments†‡
BALL NO.
SIGNAL NAME
BALL NO.
SIGNAL NAME
BALL NO.
SIGNAL NAME
BALL NO.
SIGNAL NAME
B1
GPIO6
U2
HCNTL1
T17
A19
A16
D16
C2
GPIO4
T3
HCNTL0
R16
A18
B15
D15
C1
GPIO2
U3
VSS
R17
VSS
A15
D14
D3
GPIO1
R4
HR/W
P15
A17
C14
D13
D2
GPIO0
T4
HDS2
P16
A16
B14
D12
D1
TIM1
U4
CVDD
P17
DVDD
A14
D11
E3
TIM0
R5
HDS1
N15
A15
C13
D10
E2
INT0
T5
HRDY
N16
A14
B13
D9
E1
CVDD
U5
DVDD
N17
VSS
A13
DVDD
F3
INT1
R6
CLKOUT
M15
A13
C12
D8
F2
INT2
T6
XF
M16
A12
B12
D7
F1
DVDD
U6
VSS
M17
CVDD
A12
VSS
G4
INT3
P7
C15
L14
A11
D11
D6
G3
NMI/WDTOUT
R7
C14
L15
A10
C11
D5
G2
IACK
T7
HINT
L16
A9
B11
D4
G1
VSS
U7
PVDD
L17
A8
A11
CVDD
H1
CLKR0
U8
NC
K17
DVDD
A10
D3
H4
DR0
P8
X1
K14
A7
D10
D2
H3
FSR0
R8
X2/CLKIN
K15
A6
C10
D1
H2
CLKX0
T8
EMIFCLKS
K16
A5
B10
D0
J1
CVDD
U9
VSS
J17
VSS
A9
VSS
J4
DX0
P9
C13
J14
A4
D9
EMU1/OFF
J3
FSX0
R9
C12
J15
A3
C9
EMU0
J2
CLKR1
T9
C11
J16
A2
B9
TDO
K1
DR1
U10
C10
H17
CVDD
A8
VSS
K2
FSR1
T10
C9
H16
D31
B8
TDI
K4
DX1
P10
C8
H14
D30
D8
TRST
K3
CLKX1
R10
C7
H15
D29
C8
TCK
L1
VSS
U11
VSS
G17
VSS
A7
TMS
L2
FSX1
T11
ECLKIN
G16
D28
B7
RESET
L3
TEST§
R11
ECLKOUT2
G15
D27
C7
HPIENA
L4
NC
P11
ECLKOUT1
G14
D26
D7
HD7
M1
CVDD
U12
CVDD
F17
CVDD
A6
CVDD
M2
RX
T12
C6
F16
D25
B6
HD6
M3
GPIO5
R12
C5
F15
D24
C6
HD5
N1
DVDD
U13
DVDD
E17
DVDD
A5
DVDD
N2
TX
T13
C4
E16
D23
B5
HD4
N3
GPIO3
R13
C3
E15
D22
C5
HD3
P1
VSS
U14
VSS
D17
D21
A4
CVDD
P2
SCL
T14
C2
D16
D20
B4
HD2
P3
SDA
R14
C1
D15
D19
C4
HD1
R1
HC1
U15
C0
C17
VSS
A3
VSS
R2
HC0
T15
A21
C16
D18
B3
HD0
T1
HCS
U16
A20
B17
D17
A2
GPIO7¶
† CVDD is core VDD, DVDD is I/O VDD, and PVDD is PLL VDD.
‡ NC indicates “no connect”.
§ The TEST pin is reserved for internal testing. It should be left unconnected.
¶ The GPIO7 pin must be low at the rising edge of the reset signal for the device to operate properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com