Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 84 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 80Page - Texas Instruments TNETV2501INPGF Datasheet HTML 81Page - Texas Instruments TNETV2501INPGF Datasheet HTML 82Page - Texas Instruments TNETV2501INPGF Datasheet HTML 83Page - Texas Instruments TNETV2501INPGF Datasheet HTML 84Page - Texas Instruments TNETV2501INPGF Datasheet HTML 85Page - Texas Instruments TNETV2501INPGF Datasheet HTML 86Page - Texas Instruments TNETV2501INPGF Datasheet HTML 87Page - Texas Instruments TNETV2501INPGF Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 197 page
background image
Functional Overview
84
December 2002 − Revised November 2008
SPRS206K
3.10.5
Auto-Wakeup/Idle Function for McBSP and DMA
The 5501 has an Auto-wakeup/Idle function for McBSP to DMA to on-chip memory data transfers when the
DMA and the McBSP are both set to IDLE. In the case that the McBSP is set to external clock mode and the
McBSP and the DMA are set to idle, the McBSP and the DMA can wake up from IDLE state automatically if
the McBSP gets a new data transfer. The McBSP and the DMA enter the idle state automatically after data
transfer is complete. [The clock generator (PLL) should be active and the PLL core should not be in
power-down mode for the Auto-wakeup/Idle function to work.]
3.10.6
Clock State of Multiplexed Modules
The clock to the EMIF module is disabled automatically when this module is not selected through the External
Bus Selection Register (XBSR). Note that any accesses to disabled modules will result in a bus error.
3.10.7
IDLE Control and Status Registers
The clock domains are controlled by the IDLE Configuration Register (ICR) that allows the user to place
different parts of the device in Idle mode. The IDLE Status Register (ISTR) reflects the portion of the device
that remains active. The peripheral domain is controlled by the Peripheral IDLE Control Register (PICR). The
Peripheral IDLE Status Register (PISTR) reflects the portion of the peripherals that are in the IDLE state. The
Master IDLE Control Register (MICR) is used to place the HPI and DMA in Idle mode. The IDLE state of the
HPI and DMA is reflected by the Master IDLE Status Register (MISR). The PLL Control/Status Register
(PLLCSR) is used to power down the PLL core when the IDLE instruction is executed.
The settings in the ICR, PICR, and MICR take effect after the IDLE instruction is executed. For example, writing
xxx000001b into the ICR does not indicate that the CPU domain is in IDLE mode; rather, it indicates that after
the IDLE instruction, the CPU domain will be in IDLE mode. Procedures for placing portions of the device in
Idle mode and taking them out of Idle mode are described in Section 3.10.2 (IDLE Procedures) and
Section 3.10.4 (Wake-Up Procedures), respectively.
Table 3−26. Clock Domain Memory-Mapped Registers
ADDRESS
REGISTER NAME
0x0001
IDLE Configuration Register (ICR)
0x0002
IDLE Status Register (ISTR)
0x9400
Peripheral IDLE Control Register (PICR)
0x9401
Peripheral IDLE Status Register (PISTR)
0x9402
Master IDLE Control Register (MICR)
0x9403
Master IDLE Status Register (MISR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com