Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 82 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 78Page - Texas Instruments TNETV2501INPGF Datasheet HTML 79Page - Texas Instruments TNETV2501INPGF Datasheet HTML 80Page - Texas Instruments TNETV2501INPGF Datasheet HTML 81Page - Texas Instruments TNETV2501INPGF Datasheet HTML 82Page - Texas Instruments TNETV2501INPGF Datasheet HTML 83Page - Texas Instruments TNETV2501INPGF Datasheet HTML 84Page - Texas Instruments TNETV2501INPGF Datasheet HTML 85Page - Texas Instruments TNETV2501INPGF Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 197 page
background image
Functional Overview
82
December 2002 − Revised November 2008
SPRS206K
3.10.4.4 EMIF Module Wake-up Procedure
If both the CPU and the EMIF are in idle, then the EMIF will come out of idle when the CPU is taken out of
idle. The CPU can be taken out of idle through the use of an NMI or an enabled external interrupt. External
interrupts can be enabled through the IER0 and IER1 registers.
If the CPU is not in idle, then the EMIF can be taken out of idle through either of the following two procedures:
1.
Write ‘0’ to the PERI bit in ICR.
2.
Execute the IDLE instruction.
3.
All idled peripherals, including the EMIF, wake up.
Or:
1.
Write ‘0’ to the EMIF bit in PICR.
2.
The EMIF module will wake up.
3.10.4.5 IDLE2 Mode Wake-up Procedure
The 5501 can be taken completely out of IDLE2 mode by executing the following procedure.
1.
CPU wakes up from idle through NMI or enabled external interrupt.
2.
Write ‘0’ to all bits in the ICR.
3.
Execute the IDLE instruction.
4.
All internal clocks are enabled and all modules come out of idle.
3.10.4.6 IDLE3 Mode Wake-up Procedure
The 5501 can be taken completely out of IDLE3 mode by executing the following procedure.
1.
CPU wakes up from idle through NMI or enabled external interrupt.
2.
Write ‘0’ to all bits in the ICR.
3.
Execute the IDLE instruction.
4.
All internal clocks are enabled and all modules come out of idle.
5.
Write ‘0’ to the PLLPWRDN and PLLRST bits in PLLCSR.
6.
Wait for the PLL to relock by polling the LOCK bit or by setting up a LOCK interrupt.
7.
Set the PLLEN bit in PLLCSR to ‘1’.
8.
All internal clocks will now come from the PLL core.
NOTE: Step 3 can be modified to only wake up certain modules, see previous sections for
more information on the wake-up procedures for the 5501 modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com